Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM161TCUS/T Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM161TCUS/T
Description  uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM161TCUS/T Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  ASM161TCUS/T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM161TCUS/T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM161TCUS/T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM161TCUS/T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM161TCUS/T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM161TCUS/T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM161TCUS/T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM161TCUS/T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM161TCUS/T Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ASM161 / ASM162
7 of 9
Notice: The information in this document is subject to change without notice
µP Supervisory Circuit
rev 1.0
October 2003
Package Dimensions
Plastic SOT - 143 (4Pin)
E
H
e
D
A
A1
e
C
L
a = 0° -8°
B
e1
B1
Plastic SOT - 143 (4 pin)
Inches
Millimeters
Min
Max
Min
Max
Plastic SOT-143 (4-Pin)
A
0.031
0.047
0.787
1.194
A1
0.001
0.005
0.025
0.127
B
0.014
0.022
0.356
0.559
B1
0.030
0.038
0.762
0.965
C
0.0034
0.006
0.086
0.152
D
0.105
0.120
2.667
3.048
E
0.047
0.055
1.194
1.397
e
0.070
0.080
1.778
2.032
e1
0.071
0.079
1.803
2.007
H
0.082
0.098
2.083
2.489
L
0.004
0.012
0.102
0.305



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com