Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDLL5293 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL5293
Description  CURRENT REGULATOR DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL5293 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL5293 Datasheet HTML 1Page - Microsemi Corporation CDLL5293 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
141
• 1N5283UR-1 THRU 1N5314UR-1 AVAILABLE IN
JAN, JANTX, JANTXV AND
JANS
PER MIL-PRF-19500/463
• CURRENT REGULATOR DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• METALLURGICALLY BONDED
FIGURE 1
DESIGN DATA
CASE: DO-213AB, Hermetically sealed
glass case. (MELF, LL41)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
50 °C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 25
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end negative.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
2.39
2.66
.094
.105
F
0.41
0.55
.016
.022
G
4.80
5.20
.189
.205
G1
4.11 REF.
.159 REF.
S
0.03 MIN.
.001 MIN.
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
MINIMUM
MINIMUM
DYNAMIC
KNEE
MAXIMUM
CDI
REGULATOR CURRENT
IMPEDANCE
IMPEDANCE
LIMITING
TYPE
l p (mA) @ VS = 25V
@VS = 25V
@VK = 6.0 V
VOLTAGE
NUMBER
ZS (M)
ZK (M)
@ lL = 0.8 lp (min)
NOM
MIN
MAX
(Note 1)
(Note 2)
VL (VOLTS)
CDLL5283
0.22
0.198
0.242
25.0
2.75
1.00
CDLL5284
0.24
0.216
0.264
19.0
2.35
1.00
CDLL5285
0.27
0.243
0.297
14.0
1.95
1.00
CDLL5286
0.30
0.270
0.330
9.0
1.60
1.00
CDLL5287
0.33
0.297
0.363
6.6
1.35
1.00
CDLL5288
0.39
0.351
0.429
4.10
1.00
1.05
CDLL5289
0.43
0.387
0.473
3.30
0.870
1.05
CDLL5290
0.47
0.423
0.517
2.70
0.750
1.05
CDLL5291
0.56
0.504
0.616
1.90
0.560
1.10
CDLL5292
0.62
0.558
0.682
1.55
0.470
1.13
CDLL5293
0.68
0.612
0.748
1.35
0.400
1.15
CDLL5294
0.75
0.675
0.825
1.15
0.335
1.20
CDLL5295
0.82
0.738
0.902
1.00
0.290
1.25
CDLL5296
0.91
0.819
1.001
0.880
0.240
1.29
CDLL5297
1.00
0.900
1.100
0.800
0.205
1.35
CDLL5298
1.10
0.990
1.210
0.700
0.180
1.40
CDLL5299
1.20
1.08
1.32
0.640
0.155
1.45
CDLL5300
1.30
1.17
1.43
0.580
0.135
1.50
CDLL5301
1.40
1.26
1.54
0.540
0.115
1.55
CDLL5302
1.50
1.35
1.65
0.510
0.105
1.60
CDLL5303
1.60
1.44
1.76
0.475
0.092
1.65
CDLL5304
1.80
1.62
1.98
0.420
0.074
1.75
CDLL5305
2.00
1.80
2.20
0.395
0.061
1.85
CDLL5306
2.20
1.98
2.42
0.370
0.052
1.95
CDLL5307
2.40
2.16
2.64
0.345
0.044
2.00
CDLL5308
2.70
2.43
2.97
0.320
0.035
2.15
CDLL5309
3.00
2.70
3.30
0.300
0.029
2.25
CDLL5310
3.30
2.97
3.63
0.280
0.024
2.35
CDLL5311
3.60
3.24
3.96
0.265
0.020
2.50
CDLL5312
3.90
3.51
4.29
0.255
0.017
2.60
CDLL5313
4.30
3.87
4.73
0.245
0.014
2.75
CDLL5314
4.70
4.23
5.17
0.235
0.012
2.90
NOTE 1
ZS is derived by superimposing A 90Hz RMS signal equal to 10% of VS on VS
NOTE 2
ZK is derived by superimposing A 90Hz RMS signal equal to 10% of VK on VK
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +75°C @ TEC = +125°C
Power Derating: 10 mW / °C above TEC = +125°C
Peak Operating Voltage: 100 Volts
1N5283UR-1 thru 1N5314UR-1
and
CDLL5283 thru CDLL5314


Similar Part No. - CDLL5293

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL5293 CDI-DIODE-CDLL5293 Datasheet
27Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL5293 MICROSEMI-CDLL5293 Datasheet
79Kb / 3P
CURRENT REGULATOR DIODES
More results

Similar Description - CDLL5293

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
CURRENT REGULATOR DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com