Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64261 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # 64261
Description  Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

64261 Datasheet(HTML) 2 Page - OSRAM GmbH

  64261 Datasheet HTML 1Page - OSRAM GmbH 64261 Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08/2001
For Orders and
General Information:
OSRAM SYLVANIA
National Customer
Support Center
18725 N. Union Street
Westfield, IN 46074
Photo-Optic
Phone: 1-888-677-2627
Phone: 1-888-OSRAMCS
Fax: 1-800-762-7192
Special Markets
Phone: 1-800-762-7191
Fax: 1-800-762-7192
Industrial and Commercial
Phone: 1-800-255-5042
Fax: 1-800-255-5043
In Canada
OSRAM SYLVANIA LTD.
Headquarters
2001 Drew Road
Mississauga, ON L5S 1S4
Industrial and Commercial
Phone: 1-800-263-2852
Fax: 1-800-667-6772
Special Markets
Phone: 1-800-265-2852
Fax: 1-800-667-6772
Ordering Information
Lamp
NAED
Standard
Description
Code
Case Quantity
64223
54050
100/case
64225
54025
100/case
64250 HLX
54019
100/case
64265
53999
100/case
64261
54023
100/case
64602
54138
100/case
64610 HLX
54034
100/case
64611 HLX
54028
100/case
64621 HLX
54032
30/case
64623 HLX
54052
100/case
64625 HLX
54036
100/case
Visit our website: www.sylvania.com
Application Information
Applications
•
Microscope
•
Optical comparators
•
Medical scientific diagnostic
equipment
Fixtures
•
Leica, Nikon, Olympus, Zeiss
WARNING
The lamp emits ultraviolet (uv) radiation
and operates at high internal pressure.
Before use read the complete warning
accompanying the product.
Disposal
When disposing of spent lamps, always
consult federal, state, local and
provincial hazardous waste disposal
rules and regulations to ensure proper
disposal.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com