| Electronic Components Datasheet Search |
|
CSC36AC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
CSC36AC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved |
|
2 / 4 page ![]() Specifications Timed Device Charging to Guard Against Overloads Internal outlets split into 2 color-coded zones of 18 outlets each q Timer alternates charging between zones hourly q LEDs indicate which zone is being charged q Dual External AC Outlets NEMA 5-15R outlets for connecting projectors and other devices q Can be switched on and off to protect against possible overloads q Comprehensive Protection Devices and adapters kept in separate, lockable compartments q Doors lock with included keys to help prevent theft, damage and tampering q Flow-through ventilation helps prevent overheating q Circuit breaker protects against overloads q Heavy-duty steel construction and powder-coated finish promote long-term durability q Clutter-Reducing Organization Heavy power adapters store out of the way in removable rear baskets q Cables and connectors run through shelf slots and overhead cable manager q Device spaces numbered for easy identification q Simple Mobility Locking swivel casters with non-marking wheels for smooth, even ride q Reversible wide-grip handle assists cart control q Power cord wrap keeps input cord out of the way q Corner safety bumpers prevent scratches on walls and doorways q Compact cart fits in same space as typical AV cart q Flexible Configuration Ships ready for quick, easy installation—just attach handle, bumpers and cord wrap q Adjustable dividers accommodate up to 12 devices per shelf q Laminated wood-grain top serves as a smooth writing surface q OVERVIEW UPC Code 037332200488 Product Type Multi-Device Charger Charging Form Factor Mobile Cart Functions Charge; Secure Device Compatibility Chromebook; Laptop 2 / 4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |