| Electronic Components Datasheet Search |
|
IS25WP032D-RLLA3 Datasheet(PDF) 85 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25WP032D-RLLA3 Datasheet(HTML) 85 Page - Integrated Silicon Solution, Inc |
|
85 / 118 page ![]() IS25LP032D IS25WP032D Integrated Silicon Solution, Inc.- www.issi.com 85 Rev. A12 08/04/2020 FAST READ DTR MODE OPERATION IN QPI MODE (FRDTR, 0Dh) The FRDTR instruction in QPI mode utilizes all four IO lines to input the instruction code so that only two clocks are required, while the FRDTR instruction requires that the byte-long instruction code is shifted into the device only via IO0 line in eight clocks. In addition, subsequent address and data out are shifted in/out via all four IO lines unlike the FRDTR instruction. Eventually this operation is same as the FRQDTR in QPI mode, but the only different thing is that AX mode is not available in the FRDTR operation in QPI mode. The sequence of issuing FRDTR instruction in QPI mode is: CE# goes low Sending FRDTR instruction (4-bit per clock) 24-bit address interleave on IO3, IO2, IO1 & IO0 (8-bit per clock) 6 dummy clocks (configurable, default is 6 clocks) Data out interleave on IO3, IO2, IO1 & IO0 (8-bit per clock) End FRDTR operation in QPI mode by driving CE# high at any time during data out. If the FRDTR instruction in QPI mode is issued while a Program/Erase/Write Status Register cycle is in progress (WIP=1), the instruction will be rejected without any effect on the current cycle. Figure 8.64 FRDTR Sequence In QPI Mode Instruction = 0Dh CE # SCK 3-byte Address 0 1 2 3 4 5 6 7 8 9 10 11 12 Mode 3 Mode 0 tV 20 16 12 5 1 21 17 13 4 0 IO0 IO1 22 18 14 23 19 15 8 4 0 9 5 1 10 6 2 11 7 3 6 Dummy Cycles IO2 IO3 6 2 7 3 5 1 4 0 6 2 7 3 Data Out Data Out ... 4 0 5 1 6 2 7 3 ... ... ... ... Notes: 1. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles. 2. Sufficient dummy cycles are required to avoid I/O contention. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |