Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LP032A-RKLA1 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS25LP032A-RKLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032A-RKLA1 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS25LP032A-RKLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032A-RKLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
3
Rev. A
11/06/2015
GENERAL DESCRIPTION
The IS25LP064A/032A Serial Flash memory offers a versatile storage solution with high flexibility and
performance in a simplified pin count package. ISSI’s “Industry Standard Serial Interface” Flash are for systems
that require limited space, a low pin count, and low power consumption. The device is accessed through a 4-
wire SPI Interface consisting of a Serial Data Input (SI), Serial Data Output (SO), Serial Clock (SCK), and Chip
Enable (CE#) pins, which can also be configured to serve as multi-I/O (see pin descriptions).
The device supports Dual and Quad I/O as well as standard, Dual Output, and Quad Output SPI. Clock
frequencies of up to 133MHz allow for equivalent clock rates of up to 532MHz (133MHz x 4) which equates to
66Mbytes/s of data throughput. The IS25xP series of Flash adds support for DTR (Double Transfer Rate)
commands that transfer addresses and read data on both edges of the clock. These transfer rates can
outperform 16-bit Parallel Flash memories allowing for efficient memory access to support XIP (execute in
place) operation.
The memory array is organized into programmable pages of 256-bytes. This family supports page program
mode where 1 to 256 bytes of data are programmed in a single command. QPI (Quad Peripheral Interface)
supports 2-cycle instruction further reducing instruction times. Pages can be erased in groups of 4Kbyte
sectors, 32Kbyte blocks, 64Kbyte blocks, and/or the entire chip. The uniform sector and block architecture
allows for a high degree of flexibility so that the device can be utilized for a broad variety of applications
requiring solid data retention.
GLOSSARY
Standard SPI
In this operation, a 4-wire SPI Interface is utilized, consisting of Serial Data Input (SI), Serial Data Output (SO),
Serial Clock (SCK), and Chip Enable (CE#) pins. Instructions are sent via the SI pin to encode instructions,
addresses, or input data to the device on the rising edge of SCK. The SO pin is used to read data or to check the
status of the device. This device supports SPI bus operation modes (0,0) and (1,1).
Multi I/O SPI
Multi-I/O operation utilizes an enhanced SPI protocol to allow the device to function with Dual Output, Dual Input
and Output, Quad Output, and Quad Input and Output capability. Executing these instructions through SPI
mode will achieve double or quadruple the transfer bandwidth for READ and PROGRAM operations.
QPI
The device supports Quad Peripheral Interface (QPI) operations only when the device is switched from
Standard/Dual/Quad SPI mode to QPI mode using the enter QPI (35h) instruction. The typical SPI protocol
requires that the byte-long instruction code being shifted into the device only via SI pin in eight serial clocks. The
QPI mode utilizes all four I/O pins to input the instruction code thus requiring only two serial clocks. This can
significantly reduce the SPI instruction overhead and improve system performance. Only QPI mode or
SPI/Dual/Quad mode can be active at any given time. Enter QPI (35h) and Exit QPI (F5h) instructions are used
to switch between these two modes, regardless of the non-volatile Quad Enable (QE) bit status in the Status
Register. Power Reset or Hardware/Software Reset will return the device into the standard SPI mode. SI and
SO pins become bidirectional I/O0 and I/O1, and WP# and HOLD# pins become I/O2 and I/O3 respectively
during QPI mode.
DTR
In addition to SPI and QPI features, the device also supports Fast READ DTR operation, which allows high data
throughput while running at lower clock frequencies. DTR READ mode uses both rising and falling edges of the
clock to drive output, resulting in reducing input and output cycles by half.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com