Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WP064A-RKLE Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25WP064A-RKLE
Description  1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP064A-RKLE Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25WP064A-RKLE Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25WP064A-RKLE Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25WP064A-RKLE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25WP064A-RKLE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25WP064A-RKLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25WP064A-RKLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WP064A-RKLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WP064A-RKLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WP064A-RKLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
IS25WP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
5
Rev. 00D
03/01/2016
8.21 PROGRAM/ERASE SUSPEND & RESUME........................................................................................58
8.22 ENTER DEEP POWER DOWN (DP, B9h) ...........................................................................................60
8.23 RELEASE DEEP POWER DOWN (RDPD, ABh).................................................................................61
8.24 SET READ PARAMETERS OPERATION (SRPNV: 65h, SRPV: C0h/63h) ........................................62
8.25 SET EXTENDED READ PARAMETERS OPERATION (SERPNV: 85h, SERPV: 83h) ......................64
8.26 READ READ PARAMETERS OPERATION (RDRP, 61h) ...................................................................65
8.27 READ EXTENDED READ PARAMETERS OPERATION (RDERP, 81h)............................................66
8.28 CLEAR EXTENDED READ REGISTER OPERATION (CLERP, 82h).................................................67
8.29 READ PRODUCT IDENTIFICATION (RDID, ABh) ..............................................................................68
8.30 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh; RDJDIDQ, AFh) ..70
8.31 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h) ..........................71
8.32 READ UNIQUE ID NUMBER (RDUID, 4Bh) ........................................................................................72
8.33 READ SFDP OPERATION (RDSFDP, 5Ah) ........................................................................................73
8.34 NO OPERATION (NOP, 00h) ...............................................................................................................73
8.35 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h)) AND HARDWARE
RESET ..........................................................................................................................................................74
8.36 SECURITY INFORMATION ROW........................................................................................................75
8.37 INFORMATION ROW ERASE OPERATION (IRER, 64h) ...................................................................76
8.38 INFORMATION ROW PROGRAM OPERATION (IRP, 62h) ...............................................................77
8.39 INFORMATION ROW READ OPERATION (IRRD, 68h) .....................................................................78
8.40 FAST READ DTR MODE OPERATION In SPI MODE (FRDTR, 0Dh) ................................................79
8.41 FAST READ DUAL IO DTR MODE OPERATION (FRDDTR, BDh) ....................................................81
8.42 FAST READ QUAD IO DTR MODE OPERATION (FRQDTR, EDh) ...................................................84
8.43 SECTOR LOCK/UNLOCK FUNCTIONS ..............................................................................................88
8.44 AUTOBOOT..........................................................................................................................................90
9.
ELECTRICAL CHARACTERISTICS.............................................................................................................94
9.1 ABSOLUTE MAXIMUM RATINGS
(1) .....................................................................................................94
9.2 OPERATING RANGE .............................................................................................................................94
9.3 DC CHARACTERISTICS........................................................................................................................95
9.4 AC MEASUREMENT CONDITIONS ......................................................................................................96
9.5 PIN CAPACITANCE (TA = 25°C, VCC=1.8V, 1MHz) ............................................................................96
9.6 AC CHARACTERISTICS........................................................................................................................97
9.7 SERIAL INPUT/OUTPUT TIMING..........................................................................................................99
9.8 POWER-UP AND POWER-DOWN ......................................................................................................101
9.9 PROGRAM/ERASE PERFORMANCE .................................................................................................102
9.10 RELIABILITY CHARACTERISTICS ...................................................................................................102
10.
PACKAGE TYPE INFORMATION.........................................................................................................103
10.1 8-Pin JEDEC 208mil Broad Small Outline Integrated Circuit (SOIC) Package (B) ............................103
10.2 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 6x5mm (K) .....................................104
10.3 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 8x6mm (L) ......................................105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com