| Electronic Components Datasheet Search |
|
GPIO4 Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
GPIO4 Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 60 page ![]() USB5806 DS00002236D-page 12 2016-2018 Microchip Technology Inc. TABLE 3-4: PORT CONTROL PIN DESCRIPTIONS Name Symbol Buffer Type Description Port 6 Power Enable / Overcurrent Sense PRT_CTL6 I/OD12 (PU) Port 6 Power Enable / Overcurrent Sense. When the downstream port is enabled, this pin is set as an input with an internal pull-up resistor applied. The internal pull-up enables power to the downstream port while the pin monitors for an active low overcurrent signal assertion from an external current monitor on USB port 6. This pin will change to an output and be driven low when the port is disabled by configuration or by the host con- trol. Port 5 Power Enable / Overcurrent Sense PRT_CTL5 I/OD12 (PU) Port 5 Power Enable / Overcurrent Sense. When the downstream port is enabled, this pin is set as an input with an internal pull-up resistor applied. The internal pull-up enables power to the downstream port while the pin monitors for an active low overcurrent signal assertion from an external current monitor on USB port 5. This pin will change to an output and be driven low when the port is disabled by configuration or by the host con- trol. Port 4 Power Enable / Overcurrent Sense PRT_CTL4 I/OD12 (PU) Port 4 Power Enable / Overcurrent Sense. When the downstream port is enabled, this pin is set as an input with an internal pull-up resistor applied. The internal pull-up enables power to the downstream port while the pin monitors for an active low overcurrent signal assertion from an external current monitor on USB port 4. This pin will change to an output and be driven low when the port is disabled by configuration or by the host con- trol. Port 3 Power Enable / Overcurrent Sense PRT_CTL3 I/OD12 (PU) Port 3 Power Enable / Overcurrent Sense. When the downstream port is enabled, this pin is set as an input with an internal pull-up resistor applied. The internal pull-up enables power to the downstream port while the pin monitors for an active low overcurrent signal assertion from an external current monitor on USB port 3. This pin will change to an output and be driven low when the port is disabled by configuration or by the host con- trol. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |