Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMS3CC080 Datasheet(PDF) 2 Page - Intel Corporation

Part # RMS3CC080
Description  Reliable, Cost Effective, Easy-to-Manage Server Board in a microATX Form Factor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RMS3CC080 Datasheet(HTML) 2 Page - Intel Corporation

  RMS3CC080 Datasheet HTML 1Page - Intel Corporation RMS3CC080 Datasheet HTML 2Page - Intel Corporation RMS3CC080 Datasheet HTML 3Page - Intel Corporation RMS3CC080 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Intel® Server Board S1200SP Family Product Brief
2
INTEL SERVER BOARD S1200SP FAMILY SPECIFICATIONS
Server Board
Specification
S1200SPLR
S1200SPSR
S1200SPOR
On Board LAN
2x 1GbE (i210)
2x 1GbE (i210)
2x 1GbE (i210)
Board Dimensions
microATX 9.6” x 9.6”
microATX 9.6” x 9.6”
microATX 9.6” x 9.6”
CPU
Single Intel® Xeon® processor
E3-1200 v6 or v5, up to 80W
TDP
Single Intel® Xeon® processor
E3-1200 v6 or v5, up to 80W
TDP
Single Intel® Xeon® processor
E3-1200 v6 or v5, up to 80W
TDP
Socket
Socket-H4 LGA1151
Socket-H4 LGA1151
Socket-H4 LGA1151
Chipset
Intel® C236 chipset
Intel® C232 chipset
Intel® C232 chipset
Memory Type
DDR4 UDIMM ECC at 2133MT/s
maximum
DDR4 UDIMM ECC at 2133MT/s
maximum
DDR4 UDIMM ECC at 2133MT/s
maximum
Memory Capacity
4 DIMMs, 64GB total
4 DIMMs, 64GB total
4 DIMMs, 64GB total
External I/O Connectors
S1200SPLR
S1200SPSR
S1200SPOR
USB
Two USB 2.0 and two USB 3.0
ports on back panel
Two USB 2.0 and two USB 3.0
ports on back panel
Two USB 2.0 and two USB 3.0
ports on back panel
Ethernet
Dual 1GBase-T ( RJ45)
Single 1GBase-T dedicated
server management port
(RJ45)
Dual 1GBase-T ( RJ45)
Dual 1GBase-T ( RJ45)
Single 1GBase-T dedicated
server management port
(RJ45)
Video
GT2 Graphics (Display Port)
VGA graphics via BMC (DB-15
VGA) (GT2 graphics)
VGA graphics via BMC (DB-15
VGA)
VGA graphics via BMC (DB-15
VGA)
Internal I/O Connectors
and Headers
S1200SPLR
S1200SPSR
S1200SPOR
USB
One Type A USB 2.0 connector
Two USB 2.0 ports via header
for front panel
Two USB 2.0/3.0 ports via
header for front panel
One Type A USB 2.0 connector
Two USB 2.0 via header for
front panel
One Type A USB 2.0 connector
Two USB 2.0 ports via header
for front panel
Two USB 2.0/3.0 ports via
header for front panel
One 2x10 pin connector
providing front panel support
for up to two USB2.0/3.0 ports
Serial Port
One DH-10 Serial Port
connector
One DH-10 Serial Port
connector
One DH-10 Serial Port
connector
SSI Front Panel
One 2x12 pin SSI front panel
header
One 2x12 pin SSI front panel
header
One 2x12 pin SSI front panel
header
SATA
Eight SATA3 via 7-pin SATA
connectors
Six SATA3 via 7-pin SATA
connectors
Eight SATA3 via 7-pin SATA
connectors
SATADOM
SATA 4 connector for Apacer*
SATADOM
SATA 4 connector for Apacer*
SATADOM
SATA 4 connector for Apacer*
SATADOM
TPM
One TPM 1.2 or TPM 2.0
module, 2x7 pin
connector
None
One TPM 1.2 module, or TPM
2.0, 2x7 pin
connector
Intel® Remote
Management Module 4
(Intel® RMM4)
One 2x4 pin connector for Intel
RMM4 key (AXXRMM4LITE),
KVM and remote media
redirection
None
One 2x4 pin connector for Intel
RMM4 key (AXXRMM4LITE),
KVM and remote media
redirection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com