| Electronic Components Datasheet Search |
|
E53-R Datasheet(PDF) 28 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E53-R Datasheet(HTML) 28 Page - Omron Electronics LLC |
|
28 / 36 page ![]() 28 Digital Controller E5AK/E5EK Expansion Mode Option Mode Set point Upper Limit Set point Lower Limit PID/ON/OFF Unavailable to the E5 @K-PRR2. ST Available if the Controller in standard control and advanced PID control has a temperature input. Unavailable to the E5 @K-PRR2 ST Stable Range Available if the Controller in standard control and advanced PID control with the ST set to OFF has a temperature input. Unavailable to the E5 @K-PRR2 α Available if the Controller is in advanced PID control with the ST set to OFF. AT Calculated Gain Available if the Controller is in advanced PID control with the ST set to OFF. Standby Sequence Reset Method Automatic Return of Display Mode AT Hysteresis Available if the Controller is in advanced PID control with the ST set to OFF. LBA Detection WidthAvailable only when the LBA (loop break alarm) function is assigned. Unavailable to the E5 @K-PRR2. For E5 @K-PRR2 Travel time HBA latch Remote SP enable Multi-SP Function Available for the event input functions. Event Input Assignment 1 Available for the event input function. Event Input Assignment 2 Available for the event input function. Event Input Assignment 3 Available for the event input function. Event Input Assignment 4 Available for the event input function. Communication Stop Bit Used when the communications function is being used. Communication Data Length Used when the communications function is being used. Communication Parity Set when the communications function is being used. Communication Baud Rate Set when the communications function is being used. Communication Unit No. Set when the communications function is being used. Transfer Output Type Set when the transfer output function is being used. Transfer Output Upper Limit Set when the transfer output function is being used. Transfer Output Lower Limit Set when the transfer output function is being used. Motor calibration PV dead band Remote SP Upper Limit (Available when the remote SP is enable.) Remote SP Lower Limit (Available when the remote SP is enable.) SP tracking (Available when the remote SP is enable.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |