Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS202011SCQN Datasheet(PDF) 21 Page - Microchip Technology

Part # JS202011SCQN
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

JS202011SCQN Datasheet(HTML) 21 Page - Microchip Technology

Back Button JS202011SCQN Datasheet HTML 17Page - Microchip Technology JS202011SCQN Datasheet HTML 18Page - Microchip Technology JS202011SCQN Datasheet HTML 19Page - Microchip Technology JS202011SCQN Datasheet HTML 20Page - Microchip Technology JS202011SCQN Datasheet HTML 21Page - Microchip Technology JS202011SCQN Datasheet HTML 22Page - Microchip Technology JS202011SCQN Datasheet HTML 23Page - Microchip Technology JS202011SCQN Datasheet HTML 24Page - Microchip Technology JS202011SCQN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Software GUI Description
 2017 Microchip Technology Inc.
DS50002673A-page 21
PAC1934 Data Sheet).This register is important if the SLOW pin is being used, the user will
be able to capture the data for very accurate energy calculation when switching from a pro-
grammed sample rate to the eight samples/second rate under control of the SLOW pin. If
the SLOW pin is not being used, these settings can be ignored.
FIGURE 3-5:
REFRESH COMMANDS DIALOG BOX
The Start Acquisition button, displayed in Figure 3-1 (2), toggles into Stop Acquisi-
tion when clicked. When the button is clicked, a REFRESH command is sent to the
PAC1934 and it starts collecting conversion data in the accumulator. The GUI starts
sending REFRESH_V commands to the PAC1934 and reading results data from all of
the results registers for data plotting (and logging, if selected).
When clicked, the Refresh button, displayed in Figure 3-1 (4), sends a command to the
PAC1934, updating the control registers and loading all the results from the ADCs and
the accumulator into the readable registers. The refresh command also resets the
accumulators and the accumulator count.
The Log to File button, displayed in Figure 3-1 (5), toggles when clicked to stop the
logging to file process and turns data logging on and off. In order to log the data, the
user must be acquiring. The data file is a CSV file created in the directory where the
GUI has been installed. There is a link next to this button to open the last log. Stop
acquiring data before opening the log file. When the Open Last Log button is clicked,
the most recent data log is opened. It can be noticed that all of the results data is cap-
tured, and each column has a header identifying the data. Figure 3-6 shows one corner
of a log file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com