Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04-10617-R2 Datasheet(PDF) 32 Page - Microchip Technology

Part # 04-10617-R2
Description  Evaluation Board (ADM00805) User?셲 Guide
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

04-10617-R2 Datasheet(HTML) 32 Page - Microchip Technology

Back Button 04-10617-R2 Datasheet HTML 28Page - Microchip Technology 04-10617-R2 Datasheet HTML 29Page - Microchip Technology 04-10617-R2 Datasheet HTML 30Page - Microchip Technology 04-10617-R2 Datasheet HTML 31Page - Microchip Technology 04-10617-R2 Datasheet HTML 32Page - Microchip Technology 04-10617-R2 Datasheet HTML 33Page - Microchip Technology 04-10617-R2 Datasheet HTML 34Page - Microchip Technology 04-10617-R2 Datasheet HTML 35Page - Microchip Technology 04-10617-R2 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
PAC1934 Evaluation Board (ADM00805) User’s Guide
DS50002673A-page 32
 2017 Microchip Technology Inc.
5
12
Open to disable ISOURCE
Connects current source to
+5V through R string
6
23
12
Connect Channel 1 +input
7
23
12
Connect Channel 1 –input
8
23
12
Connect Channel 2 +input
9
23
12
Connect Channel 2 –input
10
23
12
Connect Channel 3 +input
11
23
12
Connect Channel 3 –input
12
23
12
Connect Channel 4 +input
13
23
12
Connect Channel 4 –input
14
12
12
23
Connect VDD_IO to channel
1 +input
15
12
12
23
Connect IVDD_IO to channel
1 –input
16
12
12
23
Connect VDD to channel 1
+input
17
12
12
23
Connect IVDD to channel 1
–input
22
12
12
Remove to insert current
meter if desired
23
12
12
Remove short to enter
SLOW mode
24
Open
Open
Short pins 1,2 to enter
Power Down state
25
12
12
Remove shut for address
22h
27
Open
Open
Connect external VIO, SCA,
SCL, GND
28
12
12
Open to boost current
source to 25 mA
29
12
12
Remove to insert current
meter if desired
30
Open
Open
Measure +5 USB or
connect external 5V
Note:
Switch SW1 is shipped in the ON position. It is easy for this switched to be accidentally moved to a different
position when connecting the board. Please confirm that the switch is ON for USB communication, or OFF
for external I2C communication.
TABLE 4-1:
DEFAULT SHUNT CONNECTIONS (CONTINUED)
Jumper
no.
DEMO mode
SYSTEM/SHUNT mode
Special connection
Options/Info



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com