Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHF2812DF/HB Datasheet(PDF) 3 Page - International Rectifier

Part # AHF2812DF/HB
Description  28V Input, Single and Dual Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHF2812DF/HB Datasheet(HTML) 3 Page - International Rectifier

  AHF2812DF/HB Datasheet HTML 1Page - International Rectifier AHF2812DF/HB Datasheet HTML 2Page - International Rectifier AHF2812DF/HB Datasheet HTML 3Page - International Rectifier AHF2812DF/HB Datasheet HTML 4Page - International Rectifier AHF2812DF/HB Datasheet HTML 5Page - International Rectifier AHF2812DF/HB Datasheet HTML 6Page - International Rectifier AHF2812DF/HB Datasheet HTML 7Page - International Rectifier AHF2812DF/HB Datasheet HTML 8Page - International Rectifier AHF2812DF/HB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.irf.com
3
AHF28XX Series
Table I. Electrical Performance Characteristics - continued
Notes to Specifications
AHF2805S
1. Parameter guaranteed by line and load regulation tests.
2. Bandwidth guaranteed by design. Tested for 20 kHz to 2 MHz.
3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance.
A capacitive in excess of the maximum limit will not disturb loop stability but may interfere with the
operation of the load fault detection circuitry, appearing as a short circuit during turn-on.
4. Parameter shall be tested as part of design characterization and after design or process changes.
Thereafter, parameters shall be guaranteed to the limits specified in Table I.
5. An overload is that condition with a load in excess of the rated load but less than that necessary to
trigger the short circuit protection and is the condition of maximum power dissipation.
6. Load step transition time between 2 and 10 microseconds.
7. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1
percent of V
OUT at 50 percent load.
8. Input step transition time between 2 and 10 microseconds.
9. Turn-on delay time measurement is for either a step application of power at the input or the removal of
ground signal from the inhibit pin (pin 1) while power is applied to the input is unlimited.
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%, C
L = 0
unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
Output response to
step transient load
changes
6
VO
TLOAD
1200 mA to/from 2400mA
4,5,6
01
-300
+300
mV pk
0 mA to/from 1200mA
4,5,6
-500
+500
mV pk
1200 mA to/from 2400mA
4,5,6
01
70
µs
0 mA to 1200 mA
4,5,6
1200
ms
Recovery time step
transient load
changes
6.7
TT
LOAD
500 mA to 0 mA
4,5,6
8
ms
Output response to
transient step line
changes
VO
TLINE
Input step 16 V to/from
40 V dc, I
OUT = 2400mA
4, 8
4,5,6
01
500
mV pk
Recovery time
transient step line
changes
TT
LINE
Input step 16 V to/from 40Vdc
I
OUT = 2400mA
4, 7, 8
4,5,6
01
800
µs
Turn on overshoot
VTon
OS
I
OUT = 0 and 2400mA
4,5,6
01
600
mV pk
Turn on delay
Ton
D
I
OUT = 0 and 2400mA
9
4,5,6
01
20
ms
Load fault
recovery
4,9
Tr
LF
4,5,6
01
20
ms
Weight
35
grams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com