Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38C30ECMXXXFP Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M38C30ECMXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C30ECMXXXFP Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M38C30ECMXXXFP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38C30ECMXXXFP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38C30ECMXXXFP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38C30ECMXXXFP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38C30ECMXXXFP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38C30ECMXXXFP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38C30ECMXXXFP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38C30ECMXXXFP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M38C30ECMXXXFP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
25
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
[Serial I/O Control Registers 1, 2 (SIOCON1,
SIOCON2)] 001916, 001A16
Each of the serial I/O control registers 1, 2 contains 8 bits that select
various control parameters of serial I/O.
qOperation in serial I/O mode
Either an internal clock or an external clock can be selected as the
synchronous clock for serial I/O transfer. A dedicated divider is built-
in as the internal clock, giving a choice of six clocks.
When internal clock is selected, serial I/O starts to transfer by a write
signal to the serial I/O register (address 001B16). After 8 bits have
been transferred, the SOUT pin goes to high impedance.
When external clock is selected, the clock must be controlled exter-
nally because the contents of the serial I/O register continue to shift
while the transfer clock is input. In this case, the SOUT pin does not
go to high impedance at the completion of data transfer.
The interrupt request bit is set at the end of the transfer of 8 bits,
regardless of whether the internal or external clock is selected.
Fig. 23 Structure of serial I/O control register
Fig. 24 Serial I/O timing (for LSB first)
Serial I/O control register 1
(SIOCON1 : address 001916)
Internal synchronous clock selection bits
b2 b1 b0
0 0 0 : f(XIN)/8 or f(XCIN)/8
0 0 1 : f(XIN)/16 or f(XCIN)/16
0 1 0 : f(XIN)32 or f(XCIN)/32
0 1 1 : f(XIN)/64 or f(XCIN)/64
1 1 0 : f(XIN)/128 or f(XCIN)/128
1 1 1 : f(XIN)/256 or f(XCIN)/256
Serial I/O port selection bit (P40, P45, P46)
0 : I/O port
1 : SOUT, SCLK1, SCLK2 signal pin
SRDY output selection bit (P47)
0 : I/O port
1 : SRDY signal pin
Transfer direction selection bit
0 : LSB first
1 : MSB first
Synchronous clock selection bit
0 : External clock
1 : Internal clock
P-channel output disable bit (P40, P45, P46)
0 : CMOS output (in output mode)
1 : N-channel open-drain (in output mode)
b7
b0
Serial I/O control register 2
(SIOCON2: address 001A16)
Synchronous clock output pin selection bit
0 : SCLK1
1 : SCLK2
Not used (returns “0” when read)
b7
b0
Interrupt request bit set
Synchronous clock
Transfer clock
Serial I/O register
write signal
Serial I/O output
SOUT
Serial I/O input
SIN
Receive enable signal
SRDY
D0
D1
D2
D3
D4
D5
D6
D7
Note: When internal clock is selected, the SOUT pin goes to high impedance after
transfer ends.
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com