Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB3450 Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 3Page - SMSC Corporation USB3450 Datasheet HTML 4Page - SMSC Corporation USB3450 Datasheet HTML 5Page - SMSC Corporation USB3450 Datasheet HTML 6Page - SMSC Corporation USB3450 Datasheet HTML 7Page - SMSC Corporation USB3450 Datasheet HTML 8Page - SMSC Corporation USB3450 Datasheet HTML 9Page - SMSC Corporation USB3450 Datasheet HTML 10Page - SMSC Corporation USB3450 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
SMSC USB3450
7
Revision 0.1 (05-11-05)
DATASHEET
Chapter 1 General Description
The USB3450 is a stand-alone Hi-Speed USB Physical Layer Transceiver (PHY). The USB3450 uses
a UTMI+ interface to connect to an SOC or ASIC or FPGA. SMSC’s advanced proprietary technology
minimizes power dissipation, resulting in maximum battery life for portable applications. The USB3450
is a flexible solution for adding USB to new designs without integrating the analog PHY block.
The USB3450 provides a fully compliant Hi-Speed interface, and supports Hi-Speed (HS), Full-Speed
(FS), and Low-Speed (LS) USB. The USB3450 supports all levels of the UTMI+ specification as shown
in Figure 1.2.
Figure 1.1 Basic UTMI+ USB Device Block Diagram
Figure 1.2 UTMI+ Level 3 Support
SOC/FPGA/ASIC
Including Device Controller
USB3450
Hi-
Speed
Analog
USB
Connector
(Standard
or Mini)
DM
V
BUS
DP
ID
Hi-Speed
USB App.
UTMI+
Interface
UTMI+
Digital
Logic
UTMI+
Link
UTMI+ Level 0
Hi-Speed Peripherals Only
USB3450
USB3500
UTMI+ Level 3
Hi-Speed Peripheral, host controllers, On-
the-Go devices
(HS, FS, LS, preamble packet)
UTMI+ Level 2
Hi-Speed Peripheral, host controllers, On-
the-Go devices
(HS, FS, and LS but no preamble packet)
UTMI+ Level 1
Hi-Speed Peripheral, host controllers,
and On-the-Go devices
(HS and FS Only)
USB3280
USB3250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com