Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH40P03SW Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH40P03SW
Description  ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40P03SW Datasheet(HTML) 6 Page - STMicroelectronics

  STTH40P03SW Datasheet HTML 1Page - STMicroelectronics STTH40P03SW Datasheet HTML 2Page - STMicroelectronics STTH40P03SW Datasheet HTML 3Page - STMicroelectronics STTH40P03SW Datasheet HTML 4Page - STMicroelectronics STTH40P03SW Datasheet HTML 5Page - STMicroelectronics STTH40P03SW Datasheet HTML 6Page - STMicroelectronics STTH40P03SW Datasheet HTML 7Page - STMicroelectronics STTH40P03SW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STTH40P03S
6/8
Figure 13: TO-247 Package Mechanical Data
F2
F1
V2
L4
L2
L1
L3
D
L
L5
ME
H
V
V
A
Dia.
F3
F4
G
=
=
F(x3)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.85
5.15
0.191
0.203
D
2.20
2.60
0.086
0.102
E
0.40
0.80
0.015
0.031
F
1.00
1.40
0.039
0.055
F1
3.00
0.118
F2
2.00
0.078
F3
2.00
2.40
0.078
0.094
F4
3.00
3.40
0.118
0.133
G
10.90
0.429
H
15.45
15.75 0.608
0.620
L
19.85
20.15 0.781
0.793
L1
3.70
4.30
0.145
0.169
L2
18.50
0.728
L3
14.20
14.80 0.559
0.582
L4
34.60
1.362
L5
5.50
0.216
M
2.00
3.00
0.078
0.118
V5°
5°
V2
60°
60°
Dia.
3.55
3.65
0.139
0.143



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List