Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASD36C Datasheet(PDF) 3 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASD36C
Description  1-Line Bi-directional TVS Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASD36C Datasheet(HTML) 3 Page - Applied Power Microelectronics Co.,Ltd.

  ASD36C Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASD36C Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASD36C Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASD36C Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASD36C Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASD36C Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd. ASD36C Datasheet HTML 7Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Revision 12/2017
3 of 6
www.appliedpowermicro.com
ASD08C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
8
V
Breakdown Voltage
VBR
8.5
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 8V
Clamping Voltage
VC
10
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
14
V
IPP = 36A (8 x 20µs pulse)
Peak Pulse Current
Ipp
36
A
tp = 8/20μs
Junction Capacitance
CJ
120
pF
VR = 0V, f = 1MHz
ASD33C through ASD40C
ASD12C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
12
V
Breakdown Voltage
VBR
13.3
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 12V
Clamping Voltage
VC
19
V
IPP = 1A (8 x 20µs pulse)
Clamping Voltage
VC
28
V
IPP = 18A (8 x 20µs pulse)
Peak Pulse Current
Ipp
18
A
tp = 8/20μs
Junction Capacitance
CJ
100
pF
VR = 0V, f = 1MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com