Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP6331DECR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6331DECR
Description  TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6331DECR Datasheet(HTML) 2 Page - Texas Instruments

  TMP6331DECR Datasheet HTML 1Page - Texas Instruments TMP6331DECR Datasheet HTML 2Page - Texas Instruments TMP6331DECR Datasheet HTML 3Page - Texas Instruments TMP6331DECR Datasheet HTML 4Page - Texas Instruments TMP6331DECR Datasheet HTML 5Page - Texas Instruments TMP6331DECR Datasheet HTML 6Page - Texas Instruments TMP6331DECR Datasheet HTML 7Page - Texas Instruments TMP6331DECR Datasheet HTML 8Page - Texas Instruments TMP6331DECR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
TMP63
SNIS211C – OCTOBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 7
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
TMP63 R-T table..................................................... 10
8.4
Feature Description................................................. 10
8.5
Device Functional Modes........................................ 10
9
Application and Implementation ........................ 11
9.1
Application Information............................................ 11
9.2
Typical Application .................................................. 11
10
Power Supply Recommendations ..................... 16
11
Layout................................................................... 16
11.1
Layout Guidelines ................................................. 16
11.2
Layout Example .................................................... 16
12
Device and Documentation Support ................. 17
12.1
Receiving Notification of Documentation Updates 17
12.2
Support Resources ............................................... 17
12.3
Trademarks ........................................................... 17
12.4
Electrostatic Discharge Caution ............................ 17
12.5
Glossary ................................................................ 17
13
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February 2020) to Revision C
Page
Removed preview note for DYA package .............................................................................................................................. 1
Updated Device Comparison table......................................................................................................................................... 3
Corrected view description in Pin Configuration and Functions ............................................................................................. 4
Changed Maximum ISNS from 400 µA to 40 µA ................................................................................................................... 5
Changes from Original (December 2019) to Revision B
Page
Updated Title .......................................................................................................................................................................... 1
Updated features list............................................................................................................................................................... 1
Updated Description ............................................................................................................................................................... 1
Added DYA package as preview information ......................................................................................................................... 1
Added DYA package to Thermal Information Table............................................................................................................... 5
Changed minimum spec for 'Long Term Drift' for RH = 85 % from 0.1 % to -1 %................................................................. 6
Added typical spec for 'Long Term Drift' for RH = 85 %......................................................................................................... 6
Changed maximum spec for 'Long Term Drift' for RH = 85 % from 0.8 % to 1 % ................................................................. 6
Changed minimum spec for 'Long Term Drift' from 0.1 % to -1.5 %...................................................................................... 6
Added typical spec for 'Long Term Drift'................................................................................................................................. 6
Changed maximum spec for 'Long Term Drift' from 1 % to 1.8 % ......................................................................................... 6
Updated Thermistor Design Tool link ................................................................................................................................... 10
Changes from Original (October 2019) to Revision A
Page
Changed device status from Advanced Information to Production Data................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com