Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8652FC Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MMA8652FC
Description  MMA8652FC, 3-Axis, 12-bit, Digital Accelerometer
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA8652FC Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MMA8652FC Datasheet HTML 42Page - NXP Semiconductors MMA8652FC Datasheet HTML 43Page - NXP Semiconductors MMA8652FC Datasheet HTML 44Page - NXP Semiconductors MMA8652FC Datasheet HTML 45Page - NXP Semiconductors MMA8652FC Datasheet HTML 46Page - NXP Semiconductors MMA8652FC Datasheet HTML 47Page - NXP Semiconductors MMA8652FC Datasheet HTML 48Page - NXP Semiconductors MMA8652FC Datasheet HTML 49Page - NXP Semiconductors MMA8652FC Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
MMA8652FC
Sensors
46
Freescale Semiconductor, Inc.
6.10.2
0x22: PULSE_SRC Pulse Source register
The PULSE_SRC register indicates a double or single pulse event has occurred (and also which direction). The corresponding
axis and event must be enabled in register 0x21 for the event flag to be asserted in the source register.
•
When the EA bit gets set while ELE = 1, all status bits (AxZ, AxY, AxZ, DPE, and PolX, PolY, PolZ) are frozen.
•
Reading the PULSE_SRC register clears all bits.
•
Reading the source register will clear the interrupt.
Table 69. 0x22 PULSE_SRC register (Read-Only)
Back to Register Address Map
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EA
AxZ
AxY
AxX
DPE
PolZ
PolY
PolX
Table 70. PULSE_SRC register
Bit
Field
Description
7EA
Event Active Flag
0 No interrupt has been generated (default)
1 One or more interrupt events have been generated
6AxZ
Z-axis event
0 No interrupt (default)
1 Z-axis event has occurred
5AxY
Y-axis event
0 No interrupt (default)
1 Y-axis event has occurred)
4AxX
X-axis event
0 No interrupt (default)
1 X-axis event has occurred
3DPE
Double pulse on first event
0 Single pulse event triggered interrupt (default)
1 Double pulse event triggered interrupt
2PolZ
Pulse polarity of Z-axis event
0 Pulse event that triggered interrupt was positive (default)
1 Pulse event that triggered interrupt was negative)
1PolY
Pulse polarity of Y-axis event
0 Pulse event that triggered interrupt was positive (default)
1 Pulse event that triggered interrupt was negative
0PolX
Pulse polarity of X-axis event
0 Pulse event that triggered interrupt was positive (default)
1 Pulse event that triggered interrupt was negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com