Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDED20161T-R68MS Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # SDED20161T-R68MS
Description  Sealed Choke Coil SDED20161T type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SDED20161T-R68MS Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  SDED20161T-R68MS Datasheet HTML 1Page - Cyntec Co., Ltd. SDED20161T-R68MS Datasheet HTML 2Page - Cyntec Co., Ltd. SDED20161T-R68MS Datasheet HTML 3Page - Cyntec Co., Ltd. SDED20161T-R68MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
Aug., 2018
DOCUMENT
: SDED20161T-000
REVISION
: A6
PAGE
: 1 OF 4
Sealed Choke Coil SDED20161T type
Features
Low profile
:2.0 mm x 1.6 mm x 1.0 mm
Low coil resistance with large currents.
High magnetic shield construction should actualize high resolution for EMC protection.
100% lead (Pb) free meet RoHS standard
Application
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
Outline Dimensions
L
T
W
Note
:This graph is in regard to outline dimensions spec. For outer appearance, please refer to actual product.
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
Code
Dimensions(mm)
L
1.6 ± 0.1
W
2.0 ± 0.1
T
1.0 Max.
A
1.7
B
0.6
C
2.3
Unit : mm


Similar Part No. - SDED20161T-R68MS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDED5-001G-NAT SANKEN-SDED5-001G-NAT Datasheet
1Mb / 86P
mDOC H3 Embedded Flash Drive (EFD) featuring Embedded TrueFFS짰 Flash Management Software
logo
List of Unclassifed Man...
SDED5-001G-NAY ETC2-SDED5-001G-NAY Datasheet
1Mb / 86P
Embedded Flash Drive (EFD) featuring Embedded TrueFFS Flash Management Software
More results

Similar Description - SDED20161T-R68MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SDEM25201B-000 CYNTEC-SDEM25201B-000 Datasheet
92Kb / 4P
Sealed Choke Coil SDEM25201B type
SDEM25201T-000 CYNTEC-SDEM25201T-000 Datasheet
96Kb / 4P
Sealed Choke Coil SDEM25201T type
SDER031T-000 CYNTEC-SDER031T-000 Datasheet
77Kb / 3P
Sealed Choke Coil SDER031T type
SDER041B-000 CYNTEC-SDER041B-000 Datasheet
81Kb / 4P
Sealed Choke Coil SDER041B type
SDER041T-000 CYNTEC-SDER041T-000 Datasheet
75Kb / 4P
Sealed Choke Coil SDER041T type
SDES052T-000 CYNTEC-SDES052T-000 Datasheet
85Kb / 4P
Sealed Choke Coil SDES052T type
SDES053T-000 CYNTEC-SDES053T-000 Datasheet
103Kb / 5P
Sealed Choke Coil SDES053T type
SDES064T-000 CYNTEC-SDES064T-000 Datasheet
260Kb / 6P
Sealed Choke Coil SDES064T type
SDET25200H-000 CYNTEC-SDET25200H-000 Datasheet
75Kb / 3P
Sealed Choke Coil SDET25200H type
SDET25201T-000 CYNTEC-SDET25201T-000 Datasheet
89Kb / 4P
Sealed Choke Coil SDET25201T type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com