Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDEB12101T-R33MSD Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # SDEB12101T-R33MSD
Description  Sealed Choke Coil SDEB12101T MSD type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SDEB12101T-R33MSD Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  SDEB12101T-R33MSD Datasheet HTML 1Page - Cyntec Co., Ltd. SDEB12101T-R33MSD Datasheet HTML 2Page - Cyntec Co., Ltd. SDEB12101T-R33MSD Datasheet HTML 3Page - Cyntec Co., Ltd. SDEB12101T-R33MSD Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Sep., 2019
DOCUMENT
: SDEB12101T-000
REVISION
: A5
PAGE
: 3 OF 4
Current Characteristic
0
10
20
30
40
50
60
70
80
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
DC BIAS(Amps)
SDEB12101T-R22MSD
INDUCTANCE(μH)
TEMP. RISE(℃)
0
10
20
30
40
50
60
70
80
0.00
0.07
0.14
0.21
0.28
0.35
0.42
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
DC BIAS(Amps)
SDEB12101T-R33MSD
INDUCTANCE(μH)
TEMP. RISE(℃)
0
10
20
30
40
50
60
70
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
DC BIAS(Amps)
SDEB12101T-R47MSD
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
DC BIAS(Amps)
SDEB12101T-1R0MSD
INDUCTANCE(μH)
TEMP. RISE(℃)
0
15
30
45
60
75
90
0.00
0.30
0.60
0.90
1.20
1.50
1.80
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
DC BIAS(Amps)
SDEB12101T-1R5MSD
INDUCTANCE(μH)
TEMP. RISE(℃)
0
10
20
30
40
50
60
70
0.00
0.45
0.90
1.35
1.80
2.25
2.70
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
DC BIAS(Amps)
SDEB12101T-2R2MSD
INDUCTANCE(μH)
TEMP. RISE(℃)
\
0
20
40
60
80
100
0.00
0.70
1.40
2.10
2.80
3.50
4.20
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
DC BIAS(Amps)
SDEB12101T-3R3MSD
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
DC BIAS(Amps)
SDEB12101T-4R7MSD
INDUCTANCE(μH)
TEMP. RISE(℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com