Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDER041B-R47MS Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # SDER041B-R47MS
Description  Sealed Choke Coil SDER041B type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SDER041B-R47MS Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  SDER041B-R47MS Datasheet HTML 1Page - Cyntec Co., Ltd. SDER041B-R47MS Datasheet HTML 2Page - Cyntec Co., Ltd. SDER041B-R47MS Datasheet HTML 3Page - Cyntec Co., Ltd. SDER041B-R47MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
Jan., 2018
DOCUMENT
: SDER041B-000
REVISION
: A5
PAGE
: 2 OF 4
Marking
The inductor is marked with a 3-digit code
Example – – 10.0µH → 100
100
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
C
A
A
3.6
B
1.8
C
4.1
Unit : mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com