Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDEM20161T-R24MS Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # SDEM20161T-R24MS
Description  Sealed Choke Coil SDEM20161T type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SDEM20161T-R24MS Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  SDEM20161T-R24MS Datasheet HTML 1Page - Cyntec Co., Ltd. SDEM20161T-R24MS Datasheet HTML 2Page - Cyntec Co., Ltd. SDEM20161T-R24MS Datasheet HTML 3Page - Cyntec Co., Ltd. SDEM20161T-R24MS Datasheet HTML 4Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
Jan., 2018
DOCUMENT
: SDEM20161T-000
REVISION
: A4
PAGE
: 1 OF 4
Sealed Choke Coil SDEM20161T type
Features
Low profile
:2.0 mm x 1.6 mm x 1.0 mm
High performance (Isat) realized by metal dust core.
Low loss realized with low DCR
High magnetic shield construction should actualize high resolution for EMC.
100% lead (Pb) free meet RoHS standard
Application
DC/DC converter for CPU in Notebook PC
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
VRM for server
Outline Dimensions
L
T
W
Note
:This graph is in regard to outline dimensions spec. For outer appearance, please refer to actual product.
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
A
1.6
B
0.7
C
2.0
Unit : mm
Code
Dimensions(mm)
L
1.6 ± 0.1
W
2.0 ± 0.1
T
1.0 Max.


Similar Part No. - SDEM20161T-R24MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SDEM25201B CYNTEC-SDEM25201B Datasheet
92Kb / 4P
Sealed Choke Coil SDEM25201B type
SDEM25201B-000 CYNTEC-SDEM25201B-000 Datasheet
92Kb / 4P
Sealed Choke Coil SDEM25201B type
SDEM25201B-100MS CYNTEC-SDEM25201B-100MS Datasheet
92Kb / 4P
Sealed Choke Coil SDEM25201B type
SDEM25201B-150MS CYNTEC-SDEM25201B-150MS Datasheet
92Kb / 4P
Sealed Choke Coil SDEM25201B type
SDEM25201B-1R0MS CYNTEC-SDEM25201B-1R0MS Datasheet
92Kb / 4P
Sealed Choke Coil SDEM25201B type
More results

Similar Description - SDEM20161T-R24MS

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SDEM25201B-000 CYNTEC-SDEM25201B-000 Datasheet
92Kb / 4P
Sealed Choke Coil SDEM25201B type
SDEM25201T-000 CYNTEC-SDEM25201T-000 Datasheet
96Kb / 4P
Sealed Choke Coil SDEM25201T type
SDER031T-000 CYNTEC-SDER031T-000 Datasheet
77Kb / 3P
Sealed Choke Coil SDER031T type
SDER041B-000 CYNTEC-SDER041B-000 Datasheet
81Kb / 4P
Sealed Choke Coil SDER041B type
SDER041T-000 CYNTEC-SDER041T-000 Datasheet
75Kb / 4P
Sealed Choke Coil SDER041T type
SDES052T-000 CYNTEC-SDES052T-000 Datasheet
85Kb / 4P
Sealed Choke Coil SDES052T type
SDES064T-000 CYNTEC-SDES064T-000 Datasheet
260Kb / 6P
Sealed Choke Coil SDES064T type
SDET25200H-000 CYNTEC-SDET25200H-000 Datasheet
75Kb / 3P
Sealed Choke Coil SDET25200H type
SDET25201T-000 CYNTEC-SDET25201T-000 Datasheet
89Kb / 4P
Sealed Choke Coil SDET25201T type
SDED20161T-000 CYNTEC-SDED20161T-000 Datasheet
94Kb / 4P
Sealed Choke Coil SDED20161T type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com