Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCUW053T-R10MS5 Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # VCUW053T-R10MS5
Description  Power Choke Coil VCUW053T MS5 type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VCUW053T-R10MS5 Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  VCUW053T-R10MS5 Datasheet HTML 1Page - Cyntec Co., Ltd. VCUW053T-R10MS5 Datasheet HTML 2Page - Cyntec Co., Ltd. VCUW053T-R10MS5 Datasheet HTML 3Page - Cyntec Co., Ltd. VCUW053T-R10MS5 Datasheet HTML 4Page - Cyntec Co., Ltd. VCUW053T-R10MS5 Datasheet HTML 5Page - Cyntec Co., Ltd. VCUW053T-R10MS5 Datasheet HTML 6Page - Cyntec Co., Ltd. VCUW053T-R10MS5 Datasheet HTML 7Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Jan., 2020
DOCUMENT
: CYNVC-201-033
REVISION
: A0
PAGE
: 4 OF 7
Specifications
Part Number
L0 ◇
Inductance
(
H )
@ (0A)
Rdc ( m
) ◇
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Typical
Maximum
Typical
Maximum
Typical
Maximum
VCUW053T-R10MS5
0.10
1.8
2.1
24.0
22.0
35.0
30.0
VCUW053T-1R0MS5
1.0
10.0
11.5
10.2
9.2
10.8
9.3
◇:
Significant Characteristic
* :If you require another part number please contact with us.
**:Inductance Tolerance
 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Test Condition:100KHz, 1.0Vrms
Note 3.: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 4.: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.: Operating Temperature Range -55℃ to + 155℃
Note 6.: The part temperature (ambient + temp rise) should not exceed 155℃ under the worst case operating
conditions. Circuit design, component placement, PCB trace size and thickness, airflow and other cooling
provision all affect the part temperature. Part temperature should be verified in the end application.
Note 7.: The rated current as listed is either the saturation current or the heating current depending on which value
is lower.
Note 8.: Cleaning Process Note
(a) If this power choke is dipped in the cleaning agent, such as toluene, xylene, ketone, and ether
system, there is a possibility that the performance decreases greatly
(b) The high power ultrasonic washing may damage the choke body.
(c) Please contact us if you need the cleaning via the above agents or ultrasonic washing.
Current Characteristic
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
35
40
45
50
DC BIAS(Amps)
VCUW053T-R10MS5
INDUCTANCE(μH)
TEMP. RISE(℃)
0
20
40
60
80
100
0.00
0.20
0.40
0.60
0.80
1.00
1.20
0
2468
10
12
14
16
18
DC BIAS(Amps)
VCUW053T-1R0MS5
INDUCTANCE(μH)
TEMP. RISE(℃)
Issued



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com