Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCHA042A-R47MS6 Datasheet(PDF) 9 Page - Cyntec Co., Ltd.

Part # VCHA042A-R47MS6
Description  Power Choke Coil VCHA042A MS6 type
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VCHA042A-R47MS6 Datasheet(HTML) 9 Page - Cyntec Co., Ltd.

  VCHA042A-R47MS6 Datasheet HTML 1Page - Cyntec Co., Ltd. VCHA042A-R47MS6 Datasheet HTML 2Page - Cyntec Co., Ltd. VCHA042A-R47MS6 Datasheet HTML 3Page - Cyntec Co., Ltd. VCHA042A-R47MS6 Datasheet HTML 4Page - Cyntec Co., Ltd. VCHA042A-R47MS6 Datasheet HTML 5Page - Cyntec Co., Ltd. VCHA042A-R47MS6 Datasheet HTML 6Page - Cyntec Co., Ltd. VCHA042A-R47MS6 Datasheet HTML 7Page - Cyntec Co., Ltd. VCHA042A-R47MS6 Datasheet HTML 8Page - Cyntec Co., Ltd. VCHA042A-R47MS6 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Jan., 2020
DOCUMENT
: CYNVC-175-016
REVISION
: A6
PAGE
: 9 OF 9
Reflow Profile
Power Choke Coil Type
25°C to Peak ( 8 minutes max.)
25℃
Time
tp:30 Sec max.
Max. Ramp Down Rate =6℃/s
Max. Ramp Up Rate =3℃/s
150℃
200℃
217℃
260℃
Tp
60~120 Sec
Preheat Area
60~150 Sec
(1) Reflow Soldering Method :
Reflow Soldering
Tp:255~260℃
Max.30 seconds ( tp )
217℃
60~150 seconds
Pre-Heat
150 ~ 200℃
60~120 seconds
Time 25℃ to peak temperature
8 minutes max.
(2) Soldering iron Method : 350
 5℃ max.3 seconds
Issued



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com