Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F479 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 49Page - STMicroelectronics STM32F479 Datasheet HTML 50Page - STMicroelectronics STM32F479 Datasheet HTML 51Page - STMicroelectronics STM32F479 Datasheet HTML 52Page - STMicroelectronics STM32F479 Datasheet HTML 53Page - STMicroelectronics STM32F479 Datasheet HTML 54Page - STMicroelectronics STM32F479 Datasheet HTML 55Page - STMicroelectronics STM32F479 Datasheet HTML 56Page - STMicroelectronics STM32F479 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
DocID029237 Rev 2
53/91
AN4861
Creating a graphical application with LTDC
89
4.7
LTDC peripheral configuration
This section describes the steps needed to configure the LTDC peripheral.
Note:
It is recommended to reset the LTDC peripheral before starting the configuration and also it
is recommended to guarantee that the peripheral is in reset state. The LTDC can be reset by
setting the corresponding bit in the RCC_APB2RSTR register, which resets the three clock
domains.
4.7.1
Display panel connection
The LTDC hardware interface provides eight bits per color bus, and fits perfectly for
RGB888 true color panels. The LTDC hardware interface provides also timing signals:
LCD_HSYNC, LCD_VSYNC, LCD_DE and LCD_CLK.
The LTDC GPIOs should be configured to the correspondent alternate function. For more
details on LTDC alternate functions availability versus GPIOs, refer to the alternate function
mapping table in the relevant datasheet.
Note:
All GPIOs have to be configured in very high-speed mode.
Connecting lower palette display panels
For display panels with a lower color palette (such as RGB666 and RGB565), the bus
connection should be done with the most significant bits of the data signals. Figure 30
shows an example of connecting an RGB666 display panel.
Figure 30. Connecting an RGB666 display panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com