Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSA6162JL1B-B Datasheet(PDF) 21 Page - Microchip Technology

Part # DSA6162JL1B-B
Description  Ultra-Small, Low Power MEMS Oscillator for Automotive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6162JL1B-B Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSA6162JL1B-B Datasheet HTML 16Page - Microchip Technology DSA6162JL1B-B Datasheet HTML 17Page - Microchip Technology DSA6162JL1B-B Datasheet HTML 18Page - Microchip Technology DSA6162JL1B-B Datasheet HTML 19Page - Microchip Technology DSA6162JL1B-B Datasheet HTML 20Page - Microchip Technology DSA6162JL1B-B Datasheet HTML 21Page - Microchip Technology DSA6162JL1B-B Datasheet HTML 22Page - Microchip Technology DSA6162JL1B-B Datasheet HTML 23Page - Microchip Technology DSA6162JL1B-B Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2019 Microchip Technology Inc.
DS20006222A-page 21
DSA61XX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) DSA6112JI2B-100.0000VAO:
Ultra-Small, Low Power MEMS Oscillator,
Pin 1 = STDBY with Internal Pull-Up, High Drive
Strength, 4-Lead 2.5 mm x 2.0 mm VLGA,
Automotive Grade 3 Temperature,
±25 ppm Stability, Revision B, 100 MHz Frequency,
140/Tube
b) DSA6101HL1B-016.0000TVAO:
Ultra-Small, Low Power MEMS Oscillator,
Pin 1 = OE with Internal Pull–Up, Standard Drive
Strength, 4-Lead 1.6 mm x 1.2 mm VFLGA,
Automotive Grade 2 Temperature, ±50 ppm Stability,
Revision B, 16 MHz Frequency, 1,000/Reel
c) DSA6121MA2B-0101BVAO:
Ultra-Small, Low Power MEMS Oscillator,
Pin 1 = Freq. Select with Internal Pull-Up,
Standard Drive Strength, 4-Lead 2.0 mm x 1.6 mm
VFLGA, Automotive Grade 1 Temperature,
±25 ppm Stability, Revision B, Two Frequencies
Configured through ClockWorks, 3,000/Reel
Device:
DSA61:
Ultra-Small, Low Power MEMS Oscillator
Pin 1 Definition:
Selection
Pin 1
Internal Pull-Up Register
0
OE
Pull-up
1
STDBY
Pull-up
2
FS
Pull-up
4
OE
None
5
STDBY
None
6
FS
None
Output Drive
Strength:
1
2
Standard
High
Package:
J
=
4-Lead 2.5 mm x 2.0 mm VLGA
M
=
4-Lead 2.0 mm x 1.6 mm VFLGA
H
=
4-Lead 1.6 mm x 1.2 mm VFLGA
Temperature
Range:
A
=
–40
C to +125C (Automotive Grade 1)
L
=
–40
C to +105C (Automotive Grade 2)
I
=
–40
C to +85C (Automotive Grade 3)
Frequency
Stability:
1
=
± 50 ppm
2
=
± 25 ppm
3
=
± 20 ppm
Revision:
B
=
Revision B
Frequency:
xxx.xxxx = User-Defined Frequency between
001.0000 MHz and 80.0000 MHz
xxxKxxx = User-Defined Frequency between 002.000 kHz
and 999.999 kHz
xxxx
= Frequency configuration code when pin 1 = FS.
Configure the part online through ClockWorks®
configurator.
Media Type:
<blank>=
140/Tube (J Package Option)
<blank>=
100/Bag (M & H Package Options)
T
=
1,000/Reel
B
=
3,000/Reel
Automotive Suffix: Vxx
=
The “xx” is assigned by Microchip.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
PART NO.
X
X
X
X
X
X-XXX.XXXX
X
XXX
Device
Pin 1
Definition
Output
Drive
Strength
Package
Temperature
Range
Frequency
Stability
Revision
Frequency
Media
Type
Automotive
Suffix
Note 1: Please visit Microchip ClockWorks® Configurator Website to configure the part number for customized fre-
quency. http://clockworks.microchip.com/timing/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com