Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324 Datasheet(PDF) 3 Page - Silicon Supplies

Part # LM324
Description  Quad Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM324 Datasheet(HTML) 3 Page - Silicon Supplies

  LM324 Datasheet HTML 1Page - Silicon Supplies LM324 Datasheet HTML 2Page - Silicon Supplies LM324 Datasheet HTML 3Page - Silicon Supplies LM324 Datasheet HTML 4Page - Silicon Supplies LM324 Datasheet HTML 5Page - Silicon Supplies LM324 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Quad Operational Amplifier – LM324
Rev 1.0
16/06/18
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VCC
±2.5 or 5
±16 or 32
V
Operating Temperature
TA
0
+70
°C
Recommended Operating Conditions
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage – Single Supply
40
V
Supply Voltage – Split Supply
VCC
±20
V
Input Differential Voltage Range
VIDR
40
V
Input Common Mode
Voltage Range
VICR
-0.3 to 40
V
Output Short Circuit to Ground
-
Continuous
-
Junction Temperature
TJ
150
°C
Input Current (per pin)
2
IIN
50
mA
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
25°C
-
2
7
Input Offset Voltage
VIO
VO =1.4V,
RS = 0Ω,
VCC = 5V to 30V
VICM=0V to VCC-1.5V
70°C
-
-
9
mV
Input Offset Voltage
Drift
ΔVIO /ΔT
RS = 0Ω
-
7
-
µV/°C
25°C
-
5
50
Input Offset Current
IIO
II(+) or II(-), VCM = 0V
70°C
-
-
150
nA
Input Offset Current
Drift
ΔIIO /ΔT
RS = 0Ω
-
10
-
pA/°C
25°C
-
45
150
Input Bias Current
IIB
II(+) or II(-), VCM = 0V
70°C
-
-
500
nA
RL=∞,VCC = 5V, VO = 0V
-
0.7
1.2
Supply Current
ICC
RL=∞,VCC=30V, VO = 0V
-
1.5
3
mA
25°C
0
-
VCC -1.5
Common Mode Input
Voltage range
3
VICR
VCC = 30V
70°C
0
-
VCC -2
V
Differential Input
Voltage range
3
VIDR
All VIN ≥ GND
or VCC- (if used)
-
-
VCC
V
 3. The input signal voltage and the input common mode voltage should not be allowed to go negative by more than 0.3V. The positive limit of
the common mode voltage range is VCC - 1.5V, but either or both inputs can go to +32V without damage.
DC Electrical Characteristics (T
A = 0°C to +70°C unless otherwise specified)
1.
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
2.
VIN < -0.3V. This input current exists when voltage is driven negative at any of the input leads



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com