Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL22Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # PL22Z
Description  ZENDER DIODES DIODES ZENDER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PL22Z Datasheet(HTML) 1 Page - STMicroelectronics

  PL22Z Datasheet HTML 1Page - STMicroelectronics PL22Z Datasheet HTML 2Page - STMicroelectronics PL22Z Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - PL22Z

ManufacturerPart #DatasheetDescription
logo
SICK AG
PL22-1 SICK-PL22-1 Datasheet
541Kb / 4P
Round, pluggable
2024-05-15 00:17:11
logo
P-tec Corporation
PL22-CDG13 P-TEC-PL22-CDG13 Datasheet
29Kb / 1P
8mm Green LED
PL22-CDG13 P-TEC-PL22-CDG13_14 Datasheet
75Kb / 1P
Popular 8mm Lens with flange
PL22-CDR12 P-TEC-PL22-CDR12 Datasheet
29Kb / 1P
8mm Hi-Eff Red LED
PL22-CDR12 P-TEC-PL22-CDR12_14 Datasheet
75Kb / 1P
Popular 8mm Lens with flange
More results

Similar Description - PL22Z

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCD010 SANYO-DCD010 Datasheet
20Kb / 2P
Diodes
logo
Rohm
UMD3 ROHM-UMD3 Datasheet
44Kb / 1P
Diodes
logo
Diodes Incorporated
1S955 DIODES-1S955 Datasheet
54Kb / 1P
DIODES
logo
Microsemi Corporation
1N4728AUR MICROSEMI-1N4728AUR Datasheet
365Kb / 3P
SURFACE MOUNT 1.0W GLASS ZENDER DIODE
logo
STMicroelectronics
TMM829A STMICROELECTRONICS-TMM829A Datasheet
144Kb / 2P
TEMPERATURE COMPENSATED ZENDER DIODES
Jul-1989
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
Silicon Standard Corp.
1SMA4741 SSC-1SMA4741 Datasheet
203Kb / 4P
SURFACE MOUNT SILICON ZENDER DIODE
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com