Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT310 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT310
Description  10 Channel Automotive LED Display Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT310 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT310 Datasheet HTML 2Page - Catalyst Semiconductor CAT310 Datasheet HTML 3Page - Catalyst Semiconductor CAT310 Datasheet HTML 4Page - Catalyst Semiconductor CAT310 Datasheet HTML 5Page - Catalyst Semiconductor CAT310 Datasheet HTML 6Page - Catalyst Semiconductor CAT310 Datasheet HTML 7Page - Catalyst Semiconductor CAT310 Datasheet HTML 8Page - Catalyst Semiconductor CAT310 Datasheet HTML 9Page - Catalyst Semiconductor CAT310 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT310
© 2005 Catalyst Semiconductor, Inc.
7
Doc No. 25087, Rev. 00
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT310 implements a 10-bit serial-in shift
register for storing the setting of the ten outputs.
Serial input data SIN are clocked into the shift
register on the rising edge of the clock. At the
10th clock pulse, the first data bit entered is
outputted from the shift register to SOUT. The
following clock pulses will output the following
data bits onto SOUT. The output data pattern
replicates the input data stream with a delay of
ten clock pulses.
The 10-bit data pattern present in the shift
register is stored in the 10-bit data latch when
the latch signal XLAT is logic high. When XLAT
transitions to logic low, data are latched and
stay unchanged for as long as XLAT remains
low. The last serial input data corresponds to
OUT0. The serial input data that was received
10 clock pulse ago is stored in OUT9. When the
BLANK input is logic high, all the output
switches are in the off state. If the BLANK input
is low, the 10-bit data latches control the 10
output switches. A data bit value of zero keeps
the switch off. A data bit value of one keeps the
switch on.
Serial to Parallel Shift Register
CLK
→
SIN
→
Bit
0
Bit
1
Bit
2
Bit
3
Bit
4
Bit
5
Bit
6
Bit
7
Bit
8
Bit
9
→
SOUT
Data Latch
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
XLAT
→
LED
OUT0
LED
OUT1
LED
OUT2
LED
OUT3
LED
OUT4
LED
OUT5
LED
OUT6
LED
OUT7
LED
OUT8
LED
OUT9
TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com