Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ30 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDZ30
Description  Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ30 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDZ30 Datasheet HTML 1Page - First Silicon Co., Ltd FDZ30 Datasheet HTML 2Page - First Silicon Co., Ltd FDZ30 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
A
D
1
2
B
C
E
0 63
0 02''
0 83
0 033''
1 60
0 063"
2 85
0 112''
mm
inches
H
J
SOD-323 / SC-76 / USC
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. LEAD THICKNESS SPECIFIED PER L/F DRAWING
WITH SOLDER PLATING.
4. 477-01 OBSOLETE, NEW STANDARD 477-22.
PIN: 1: CATHODE
2: ANODE
2008. 2. 22
3/3
FDZ2.4 ~ FDZ75
Revision No : 0
DIM
MILLIMETERS
A
1 60
1 15
0 80
0 25
0 15 REF
0 00
0 089
2 30
b
C
D
E
J
H
INCHES
MAX
MIN
MAX
MIN
1 80
1 35
1 00
0 40
0 10
0 177
2 70
0 063
0 045
0 031
0 010
0 006 REF
0 000
0 0035
0 091
0 071
0 053
0 039
0 016
0 004
0 0070
0 106
K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com