Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ22F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDZ22F
Description  Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ22F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDZ22F Datasheet HTML 1Page - First Silicon Co., Ltd FDZ22F Datasheet HTML 2Page - First Silicon Co., Ltd FDZ22F Datasheet HTML 3Page - First Silicon Co., Ltd FDZ22F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2017. 7. 15
3/4
Revision No : 0
FDZ2.4F~FDZ24F
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Device
Device
Marking
Zener Voltage
(Note1)
Zener Impedance
Leakage Current
VZ
(mV/k) @ IZT
C
@ VR = 0
f = 1 MHz
VZ (Volts)
@ IZT
ZZT
@ IZT
ZZK @ IZK
IR @ VR
Min
Max
mA
mA
Volts
Min
Max
pF
FDZ2.4F
J
2.28
2.52
5
100
1000
1
50
1
−3.5
0
210
E**
2.57
2.84
5
100
1000
1
20
1
−3.5
0
210
T**
2.85
3.15
5
100
1000
1
10
1
−3.5
0
210
Q
3.14
3.47
5
100
1000
1
10
1
−3.5
0
210
3**
3.42
3.78
5
100
1000
1
10
1
−3.5
0
210
V**
3.71
4.10
5
100
1000
1
5
1
−3.5
−2.5
210
Y**
4.09
4.52
5
100
1000
1
5
1
−3.5
0
210
3
4.47
4.94
5
100
800
0.5
2
1
−3.5
0.2
150
4
4.85
5.36
5
80
500
0.5
2
1.5
−2.7
1.2
130
5
5.32
5.88
5
60
200
0.5
1
2.5
−2.0
2.5
115
6
5.89
6.51
5
60
100
0.5
1
3
0.4
3.7
110
FDZ6.8F
A*
6.46
7.14
5
40
60
0.5
0.5
3.5
1.2
4.5
105
FDZ7.5F
D*
7.13
7.88
5
30
60
0.5
0.5
4
2.5
5.3
100
FDZ8.2F
E*
7.79
8.61
5
30
60
0.5
0.5
5
3.2
6.2
90
FDZ9.1F
F*
8.65
9.56
5
30
60
0.5
0.5
6
3.8
7
80
FDZ10F
J*
9.50
10.50
5
30
60
0.5
0.1
7
4.5
8
80
FDZ11F
K*
10.45 11.55
5
30
60
0.5
0.1
8
5.4
9
80
FDZ12F
L*
11.40 12.60
5
30
80
0.5
0.1
9
6
10
80
FDZ13F
P*
12.35 13.65
5
37
80
0.5
0.1
10
7
11
75
FDZ15F
Q*
14.25 15.75
5
42
80
0.5
0.1
11
9.2
13
70
FDZ16F
R*
15.20 16.80
5
50
80
0.5
0.1
12
10.4
14
65
FDZ18F
T*
17.10 18.90
5
50
80
0.5
0.1
14
12.4
16
60
FDZ20F
V*
19.00 21.00
5
55
100
0.5
0.1
15.4
14.4
18
55
FDZ22F
Y*
20.90 23.10
5
55
100
0.5
0.1
16.8
15.4
20
55
FDZ24F
F
22.80 25.20
5
70
120
0.5
0.1
18.9
16.8
22
50
*Rotated 90 °.
**Rotated 270°.
1. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25℃
Ω
Ω
FDZ2.7F
FDZ3.0F
FDZ3.3F
FDZ3.6F
FDZ3.9F
FDZ4.3F
FDZ4.7F
FDZ5.1F
㎂
FDZ5.6F
FDZ6.2F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com