Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDZ8.2F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDZ8.2F
Description  Zener Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ8.2F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDZ8.2F Datasheet HTML 1Page - First Silicon Co., Ltd FDZ8.2F Datasheet HTML 2Page - First Silicon Co., Ltd FDZ8.2F Datasheet HTML 3Page - First Silicon Co., Ltd FDZ8.2F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDZ2.4F~FDZ24F
ZENER DIODE
2017. 7. 15
1/4
Revision No : 0
Zener Voltage Regulators
200 mW SOD
−923 Surface Mount
This series of Zener diodes is packaged in a SOD-923 surface
mount package. They are designed to provide voltage regulation
protection and are especially attractive in situations where space is at a
premium. They are well suited for applications such as cellular
phones, hand held portables, and high density PC boards.
Specification Features:
• Standard Zener Breakdown Voltage Range 2.4 V to 24 V
• Steady State Power Rating of 200mW
• Small Body Outline Dimensions:
0.039″ x 0.024″(1.00 mm x 0.60 mm)
• Low Body Height: 0.016″ (0.40 mm)
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• These are Pb Free Devices
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V-0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260℃
Device Meets MSL 1 Requirements
1
Cathode
2
Anode
SOD−923
X
= Specific Device Code
M
= Month Code
MARKING
DIAGRAM
X M
1
2
1
2
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,
@ TA = 25°C
PD
200
mW
Junction and Storage
Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
Device
Package
Shipping †
ORDERING INFORMATION
SOD-923
(Pb−Free)
8000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Series
FDZXXXF


Similar Part No. - FDZ8.2F

ManufacturerPart #DatasheetDescription
logo
Rohm
FDZ8.2 ROHM-FDZ8.2 Datasheet
1Mb / 10P
Zener Diode
FDZ8.2 ROHM-FDZ8.2 Datasheet
1Mb / 10P
Zener Diode
FDZ8.2 ROHM-FDZ8.2 Datasheet
1Mb / 10P
Zener Diode
FDZ8.2 ROHM-FDZ8.2 Datasheet
1Mb / 10P
Zener Diode
FDZ8.2 ROHM-FDZ8.2 Datasheet
1Mb / 10P
Zener Diode
More results

Similar Description - FDZ8.2F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
Zener Voltage Regulators
August, 2004 ??Rev. 5
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 8
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
Zener Voltage Regulators
December, 2011 ??Rev. 7
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
Zener Voltage Regulators
January, 2014 ??Rev. 12
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
Zener Voltage Regulators
logo
Leshan Radio Company
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com