Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SISC Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # SISC
Description  Wire-to-wire/Sealed connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SISC Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  SISC Datasheet HTML 1Page - JST Mfg. Co., Ltd. SISC Datasheet HTML 2Page - JST Mfg. Co., Ltd. SISC Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
SISCCONNECTOR Wire-to-wire/Sealedconnector
Wire-to-wire/Sealed connector
0.64 mm mat sealed wire to wire connector with rigid
design and spring lock mechanism.
Spring force prevents half-mating during mating and keeps
constant rigid connection between male and female
connector.
0.64 mm Mat Sealed Connector
Anti Vibration Mechanism
High reliability rigid connector enables to keep
higher durability at shock and vibration environment.
Go / No-Go Mating System
Compression spring prevents half-mating.
Current rating: 5 A AC, DC max.
Withstanding voltage: 1,000 VAC/minute
Temperature range: -40°C to +120°C
(including temperature rise in applying
electrical current)
Contact resistance: Initial value/ 10 mΩmax.
After environmental tests/ 20 mΩ max.
Insulation resistance: 100 MΩmin.
Applicable wire: AVSS/AESSXF
0.3 mm2 to 0.5 mm2
* Compliant with ELV/RoHS.
* Contact JST for details.
Features
Specifications


Similar Part No. - SISC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISC06DN VISHAY-SISC06DN Datasheet
214Kb / 9P
N-Channel 30 V (D-S) MOSFET
09-Aug-2021
SISC06DN-T1-GE3 VISHAY-SISC06DN-T1-GE3 Datasheet
214Kb / 9P
N-Channel 30 V (D-S) MOSFET
09-Aug-2021
More results

Similar Description - SISC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Adam Technologies, Inc.
DMH-F-XX ADAM-TECH-DMH-F-XX Datasheet
171Kb / 1P
WIRE TO WIRE CONNECTOR HOUSING
DMH-M-XX ADAM-TECH-DMH-M-XX Datasheet
85Kb / 1P
WIRE TO WIRE CONNECTOR
DMH-XX ADAM-TECH-DMH-XX Datasheet
139Kb / 1P
WIRE TO WIRE CONNECTOR HOUSING FEMALE
DMZ-XX ADAM-TECH-DMZ-XX Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
DMZ-XX-V0 ADAM-TECH-DMZ-XX-V0 Datasheet
68Kb / 1P
WIRE TO WIRE CONNECTOR
logo
JST Mfg. Co., Ltd.
BAB JST-BAB Datasheet
199Kb / 3P
Wire-to-wire
EVZ2 JST-EVZ2 Datasheet
426Kb / 6P
Wire-to-wire Panek Mount connector
JIA JST-JIA Datasheet
303Kb / 4P
Board-to-wire/Sealed connector
MWT JST-MWT Datasheet
444Kb / 4P
Wire-to-wire/Sealed connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com