Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STUSB4710 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STUSB4710
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STUSB4710 Datasheet HTML 9Page - STMicroelectronics STUSB4710 Datasheet HTML 10Page - STMicroelectronics STUSB4710 Datasheet HTML 11Page - STMicroelectronics STUSB4710 Datasheet HTML 12Page - STMicroelectronics STUSB4710 Datasheet HTML 13Page - STMicroelectronics STUSB4710 Datasheet HTML 14Page - STMicroelectronics STUSB4710 Datasheet HTML 15Page - STMicroelectronics STUSB4710 Datasheet HTML 16Page - STMicroelectronics STUSB4710 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
STUSB4710
Block descriptions
DocID030499 Rev 4
13/34
from the CC pins during several tens of milliseconds. Then, it transitions to the unattached
source state.
The STUSB4710 goes into error recovery state when at least one condition listed below is
met:
If an overtemperature is detected, the “THERMAL_FAULT” flag is asserted.
If an internal pull-
up voltage on CC pins is below UVLO threshold, the “VPU_VALID”
flag is asserted.
If an overvoltage is detected on the CC pins, the “VPU_OVP_FAULT” flag is asserted.
If the VBUS voltage is out of the valid voltage range during attachment, the
“VBUS_VALID” flag is asserted.
If an undervoltage is detected on the VDD pin during attachment when UVLO detection
is enabled, the “VDD_UVLO_DISABLE” flag is asserted.
If an overvoltage is detected on the VDD pin during attachment when OVLO detection
is enabled, the “VDD_OVLO_DISABLE” flag is asserted.
The I2C register bits mentioned above in quotes give either the state of the hardware fault
when it occurs or the setting condition to detect the hardware fault.
3.9
Accessory mode detection
The STUSB4710 supports the detection of audio accessory mode and debug accessory
mode as defined in the USB Type-C standard specification source power role with
accessory support.
3.9.1
Audio accessory mode detection
The STUSB4710 detects an audio accessory device when both the CC1 and CC2 pins are
pulled down to ground by a Ra resistor from the connected device. The audio accessory
detection is advertised through the CC_ATTACHED_MODE bits of the I2C register
CC_CONNECTION_STATUS.
3.9.2
Debug accessory mode detection
The STUSB4710 detects a connection to a debug and test system (DTS) when it operates
either in sink power role or source power role. The debug accessory detection is advertised
by the DEBUG1 and DEBUG2 pins as well as through the CC_ATTACHED_MODE bits of
the I2C register CC_CONNECTION_STATUS.
In source power role, a debug accessory device is detected when both the CC1 and CC2
pins are pulled down to ground by a Rd resistor from the connected device. The orientation
detection is performed in two steps as described in the table below. The DEBUG2 pin is
asserted to advertise the DTS detection and the A_B_SIDE pin indicates the orientation of
the connection. The orientation detection is advertised through the TYPEC_FSM_STATE
bits of the I2C register CC_OPERATION_STATUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com