Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP5-1R5-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # UP5-1R5-R
Description  High power, drum inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

UP5-1R5-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  UP5-1R5-R Datasheet HTML 1Page - Eaton All Rights Reserved. UP5-1R5-R Datasheet HTML 2Page - Eaton All Rights Reserved. UP5-1R5-R Datasheet HTML 3Page - Eaton All Rights Reserved. UP5-1R5-R Datasheet HTML 4Page - Eaton All Rights Reserved. UP5-1R5-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 4409
Effective December 2015
Supersedes April 2011
Description
18.54 x 15.24 x 7.11mm maximum surface
mount package
Ferrite core material
Inductance range from 1.0μH to 1000μH
Current range from 0.56 to 20 Amps
Frequency range up to 1MHz
RoHS compliant
Applications
Buck or boost inductor
Desktop computer
Workstations/servers
DVD Players
Portable power devices
Base stations
Industrial power supplies
Output filter chokes
Test equipment instrumentation
Environmental Data
Storage temperature range: -40°C to +125°C
Operating temperature range: -40°C to +125°C
(ambient plus self-temperature rise)
Solder reflow temperature: J-STD-020D
compliant
Pb
HALOGEN
HF
FREE
UP5
High power, drum inductors


Similar Part No. - UP5-1R5-R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
UP56 TTELEC-UP56 Datasheet
332Kb / 1P
Ultrasonic Level Sensor
logo
SICK AG
UP56-211112 SICK-UP56-211112 Datasheet
1Mb / 6P
LEVEL SENSORS
UP56-211114 SICK-UP56-211114 Datasheet
1Mb / 6P
LEVEL SENSORS
UP56-211118 SICK-UP56-211118 Datasheet
1Mb / 7P
LEVEL SENSORS
UP56-211128 SICK-UP56-211128 Datasheet
1Mb / 7P
LEVEL SENSORS
More results

Similar Description - UP5-1R5-R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
logo
Rhombus Industries Inc.
L-529 RHOMBUS-IND-L-529 Datasheet
16Kb / 1P
Mini Drum Inductors
11/11/99
logo
Productwell Precision E...
DR0406-1R0M PRODUCTWELL-DR0406-1R0M Datasheet
102Kb / 5P
DRUM INDUCTORS
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
High power density, high efficiency, shielded drum core power inductors
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
UP2UC EATON-UP2UC Datasheet
617Kb / 4P
UNI-PAC??drum core power inductors
logo
RENCO ELECTRONICS, INC.
RL-5480 RENCO-RL-5480 Datasheet
319Kb / 8P
?쏮INI-DRUM??INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com