Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB312PD Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SMB312PD
Description  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB312PD Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SMB312PD Datasheet HTML 1Page - Banner Engineering Corp. SMB312PD Datasheet HTML 2Page - Banner Engineering Corp. SMB312PD Datasheet HTML 3Page - Banner Engineering Corp. SMB312PD Datasheet HTML 4Page - Banner Engineering Corp. SMB312PD Datasheet HTML 5Page - Banner Engineering Corp. SMB312PD Datasheet HTML 6Page - Banner Engineering Corp. SMB312PD Datasheet HTML 7Page - Banner Engineering Corp. SMB312PD Datasheet HTML 8Page - Banner Engineering Corp. SMB312PD Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Convergent Models
Model1
Sensing Mode
Range or Focus
Spot Size at Focus
Supply Voltage
Output Type
SME312CV
Convergent, Visible red, 650 nm
16 mm (0.65 in)
1.3 mm (0.05 in)
10 V dc to 30 V dc
Bipolar NPN/PNP
SME312CV2
Convergent, Visible red, 650 nm
43 mm (1.7 in)
3.0 mm (0.12 in)
SME312CVG
Convergent, Visible green, 525 nm
16 mm (0.65 in)
1.0 mm (0.04 in)
SME312CVB
Convergent, Visible blue, 475 nm
16 mm (0.65 in)
1.8 mm (0.07 in)
SME312CVW
Convergent, Visible white, 450–650 nm
Glass Fiber Optic Models
Model1
Sensing Mode
Range or Focus
Supply Voltage
Output Type
SME312F
Glass Fiber Optic, 880 nm infrared
Range varies by sensing mode and
fiber optics used
10 V dc to 30 V dc
Bipolar NPN/PNP
SME312FV
Glass Fiber Optic, Visible red, 650 nm
SME312FVG
Glass Fiber Optic, Visible green, 525 nm
SME312FVB
Glass Fiber Optic, Visible blue, 475 nm
SME312FVW
Glass Fiber Optic, Visible white, 450–650 nm
Plastic Fiber Optic Models
Model1
Sensing Mode
Range or Focus
Supply Voltage
Output Type
SME312FP
Plastic Fiber Optic, Visible red, 650 nm
Range varies by sensing mode and
fiber optics used
10 V dc to 30 V dc
Bipolar NPN/PNP
SME312FPG
Plastic Fiber Optic, Visible green, 525 nm
SME312FPB
Plastic Fiber Optic, Visible blue, 475 nm
SME312FPW
Plastic Fiber Optic, Visible white, 450–650 nm
Overview
Amber output
indicator LED
Bi-color green/red
indicator LED
MINI-BEAM® Expert™ is a complete family of sensors, all housed in the
popular, robust and compact rectangular housing. Their large push button
and easy-to-see indicators provide easy configuration, alignment, and
monitoring during use.
Retroreflective and Polarized Retroreflective Mode models are excellent
for sensing relatively small items where opposed-mode sensing is not
possible. They are recommended for relatively clean environments where
high excess gain is not required. Polarized models filter out unwanted
reflections.
Polarized Retroreflective Mode – Clear Object Detection models reliably
detect the presence of clear objects.
Diffuse Mode models are excellent for sensing objects of adequate size and reflectivity at short range. Divergent models
are useful for sensing small items and translucent or transparent materials at close range. The SME312DV sensors
effectively sense specular surfaces like semi-conductor wafers, disk drive media, glass and machined surfaces. The
collimated optics of the SME312DV also permits the sensor to be mounted against clear container walls, view ports and
other types of optical “feed-throughs.”
Convergent Mode models are a good choice for counting adjacent radiused objects and for accurate position sensing.
Blue, green and white beam models are recommended for color mark sensing.
Glass Fiber Optic models are an excellent option for sensing in tight or otherwise inaccessible areas. Fibers withstand
vibration and shock and are immune to electrical noise. Glass fibers withstand high temperatures, extreme moisture and
corrosive materials. Glass fibers are not recommended for applications requiring bending or repeated flexing (see plastic
fiber models). Visible beam models are recommended for color mark sensing.
MINI-BEAM SME312 Expert Series
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 55214 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com