Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10AFP Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # D10AFP
Description  D10?봁iscrete Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10AFP Datasheet(HTML) 4 Page - Banner Engineering Corp.

  D10AFP Datasheet HTML 1Page - Banner Engineering Corp. D10AFP Datasheet HTML 2Page - Banner Engineering Corp. D10AFP Datasheet HTML 3Page - Banner Engineering Corp. D10AFP Datasheet HTML 4Page - Banner Engineering Corp. D10AFP Datasheet HTML 5Page - Banner Engineering Corp. D10AFP Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions
61.3 mm
(2.42")
68.1 mm
(2.68")
10.5 ± 0.2 mm (typ.)
(0.41")
Mounting Bracket
(included)
35.9 mm
(1.41")
7.6 mm
0.30"
9.8 mm
(0.39")
All measurements are listed in millimeters [inches], unless noted otherwise.
Included Bracket Dimensions
10.0 mm
(0.39")
35.1 mm
(1.38")
10.0 mm
(0.39")
15.2 mm
(0.60")
2x C'sink
ø8.0 mm (0.31")
3.2 mm (0.13") deep
ø4.4 mm (0.18") thru
2x 3.5 mm
(0.14")
5.0 mm
(0.20")
8.6 mm
(0.34")
25.4 mm
(1.00")
16.0 mm
(0.63")
2 x ø3.3 mm (0.13")
2x ø3.2 mm (0.13")
2.5 mm (0.10")
5.0 mm (0.20")
M3 Hardware included:
Lock Washer (2)
Flat Washer (2)
Screws (2)
Hex Nuts (2)
D10—Discrete Output
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 118431 Rev. B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com