Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WW06RR010JQL Datasheet(PDF) 11 Page - WALSIN TECHNOLOGY CORPORATION

Part # WW06RR010JQL
Description  Metal Low Ohm Power Chip Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WW06RR010JQL Datasheet(HTML) 11 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WW06RR010JQL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WW06RR010JQL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WW06RR010JQL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WW06RR010JQL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WW06RR010JQL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WW06RR010JQL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WW06RR010JQL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WW06RR010JQL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION WW06RR010JQL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Approval sheet
Page 11 of 10
ASC_WW06 08 12R_V09
FEB - 2017
PACKAGING
Paper Tape specifications (unit :mm)
Symbol
A
B
W
F
E
WW06R
1.90
±0.20
1.15
±0.15
8.00
±0.20
3.50
±0.05
1.75
±0.10
WW08R
2.50
±0.20
1.65
±0.15
WW12R
3.60
±0.20
2.00
±0.15
Symbol
P1
P0
D
T
WW06R
4.00
±0.10
4.00
±0.10
1
.
0
0
.
0
50
.
1
0.8 max.
WW08R
1.0 max.
WW12R
1.0 max.
Reel dimensions
Symbol
A
B
C
D
7
”
180.0 -1.5
60.0±1.0
13.0±0.2
9.0 +1.0
10
”
254.0 ±2.0
100.0±1.0
13.0±0.2
9.0 +1.0
Taping quantity
- Chip resistors 5,000 pcs per 7
” reel; 10,000pcs per 10” reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com