Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF04H3742BGL Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

Part # SF04H3742BGL
Description  Automotive grade AEC Q-200 Compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SF04H3742BGL Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  SF04H3742BGL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SF04H3742BGL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SF04H3742BGL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SF04H3742BGL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SF04H3742BGL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SF04H3742BGL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SF04H3742BGL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SF04H3742BGL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SF04H3742BGL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2 of 9
SFxxH (Anti-sulfur)_V01
Sep.2010
00-S-R58
FEATURE
1.
High reliability and stability ±1%
2.
Sulfuration resistant 1000ppm
3.
Automotive grade AEC Q-200 Compliant
4.
100% CCD inspection
5.
RoHS compliant and Lead free products
APPLICATION
Automotive application
Consumer electrical equipment
EDP, Computer application
Telecom application
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
extra protective metal film is added onto top side electrodes to protect termination from sulfuration. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.
Fig 1. Construction of a Chip-R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com