Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL71 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL71
Description  MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL71 Datasheet(HTML) 1 Page - STMicroelectronics

  STL71 Datasheet HTML 1Page - STMicroelectronics STL71 Datasheet HTML 2Page - STMicroelectronics STL71 Datasheet HTML 3Page - STMicroelectronics STL71 Datasheet HTML 4Page - STMicroelectronics STL71 Datasheet HTML 5Page - STMicroelectronics STL71 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
July 2005
n
MEDIUM VOLTAGE CAPABILITY
n
LOW SPREAD OF DYNAMIC PARAMETERS
n
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
n
VERY HIGH SWITCHING SPEED
APPLICATIONS
n
COMPACT FLUORESCENT LAMPS (CFLS)
DESCRIPTION
The device is manufactured using high voltage
Multi-Epitaxial
Planar
technology
for
high
switching speeds and medium voltage capability.
It uses a Cellular Emitter structure with planar
edge termination to enhance switching speeds
while maintaining the wide RBSOA.
The STL series is designed for use in Compact
Fluorescent Lamps.
Figure 1: Package
Figure 2: Internal Schematic Diagram
Table 1: Order Codes
# See:note on page 2
TO-92
Part Number
Marking
Package
Packaging
STL71
L71 L
or (#)
L71 H
TO-92
Bulk
STL71
MEDIUM VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
Rev. 2


Similar Part No. - STL71

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
29-May-2012
STL70N4LLF5 STMICROELECTRONICS-STL70N4LLF5 Datasheet
270Kb / 10P
N-channel 40 V, 0.0055 Ω, 18 A, PowerFLAT??(6x5) STripFET™V Power MOSFET
01-Dec-2008
STL72 STMICROELECTRONICS-STL72 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
STL73 STMICROELECTRONICS-STL73 Datasheet
138Kb / 9P
High voltage fast-switching NPN power transistor
25-Nov-2009
STL73D STMICROELECTRONICS-STL73D Datasheet
138Kb / 9P
High voltage fast-switching NPN power transistor
25-Nov-2009
More results

Similar Description - STL71

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Jun-1997
BUL116 STMICROELECTRONICS-BUL116 Datasheet
218Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
STL72 STMICROELECTRONICS-STL72 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
BULT116D STMICROELECTRONICS-BULT116D Datasheet
209Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
BUL85D STMICROELECTRONICS-BUL85D Datasheet
244Kb / 7P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-2002
BULD116D STMICROELECTRONICS-BULD116D Datasheet
213Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Dec-2000
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
09-Dec-2005
logo
Unisonic Technologies
D4120P UTC-D4120P Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120P UTC-D4120P_15 Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com