Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRG22F2DBBEN Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # TRG22F2DBBEN
Description  Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

TRG22F2DBBEN Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  TRG22F2DBBEN Datasheet HTML 1Page - ZF Friedrichshafen AG TRG22F2DBBEN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-11-03, Specifications subject to change without notice.
Rocker Switch
Single Pole
TR Series
Features
•
Lighted & non-lighted versions available
•
Maintained and momentary action
•
16 A switching in 1 mm wide packaging
•
RoHS compliant
•
Minimum 10,000 operations mechanical life
Standard Parts
1
North America and Europe
Europe Only
TRG22F2BBRLN
TRG22F2FBBNN
TRG22F2BBGEN
TRG22F2BBGLN
TRG22F2BBREN
1The part number configuration matrix below provides details to the part numbers above. For configurable part numbers that are not
listed above, contact the factory or your distributor.
Part Number Breakdown
TRG22F2FBBNN01
TR G 2 2 F 2
Series
Contact Rating
1
Circuitry
Switch Function
Terminal Type
Actuator Type
TR
G
2
Single pole
2
ON-OFF
F
6.4 mm (0.250”) quick
connect
2
Curve
3
ON-ON
5
Flat
5
(ON)-OFF
6
(ON)-ON
1See Electrical Specifications section
F B B N N 01
2
Actuator Marking
Housing Color
Actuator Color
2
Lighted
Body Type
B
Blank
B
Black
A
Amber
N
Non-lighted
N
No Rocker Boot
C
C
Brown
B
Black
E
250 VAC bulb
D
E
Charcoal
Grey
E
Charcoal Grey
L
125 VAC bulb
E
O
I
W
White
G
Green
F
5 VDC bulb
3
F
Y
Grey
R
Red
G
6 VDC bulb
3
W
White
H
12 VDC bulb
3
Y
Grey
2Charcoal Grey, White, Grey not available for illuminated actuator
3Switches have no agency DC ratings


Similar Part No. - TRG22F2DBBEN

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRG21 CINCON-TRG21 Datasheet
561Kb / 2P
20W SWITCHING ADAPTER
TRG21A050 CINCON-TRG21A050 Datasheet
561Kb / 2P
20W SWITCHING ADAPTER
TRG21A090 CINCON-TRG21A090 Datasheet
561Kb / 2P
20W SWITCHING ADAPTER
TRG21A120 CINCON-TRG21A120 Datasheet
561Kb / 2P
20W SWITCHING ADAPTER
TRG21A150 CINCON-TRG21A150 Datasheet
561Kb / 2P
20W SWITCHING ADAPTER
More results

Similar Description - TRG22F2DBBEN

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com