Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REM2 Datasheet(PDF) 5 Page - Recom International Power

Part # REM2
Description  2 Watt SIP8 Single and Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM2 Datasheet(HTML) 5 Page - Recom International Power

  REM2 Datasheet HTML 1Page - Recom International Power REM2 Datasheet HTML 2Page - Recom International Power REM2 Datasheet HTML 3Page - Recom International Power REM2 Datasheet HTML 4Page - Recom International Power REM2 Datasheet HTML 5Page - Recom International Power REM2 Datasheet HTML 6Page - Recom International Power REM2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.recom-power.com
REV.: 1/2019
MED-5
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load unless otherwise stated)
REM2
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Medical Electric Equipment, General Requirements for Safety and Essential
Performance
E314885
CAN/CSA-C22.2 No. 60601-1:14, 3rd Edition, 2014
ANSI/AAMI ES60601-1 + A2:2010/®2012
Medical Electric Equipment, General Requirements for Safety and Essential
Performance (CB scheme)
CB190124C12 001
IEC60601-1:2005, 3rd Edition + AM1:2012
Medical Electric Equipment, General Requirements for Safety and Essential
Performance
WD-SE-R-190048-A0
EN60601-1:2006 + A1:2013
Audio/Video, Information and Communication Technology Equipment -
Part1: Safety Requirements
WD-SE-R-180528-B0
IEC62368-1:2014, 2nd Edition
EN62368-1:2014 + AC:2015
RoHS2+
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Medical Electrical Equipment Part 1-2: Electromagnetic Disturbances –
Requirements and Tests
WH-CE-E18083002
EN60601-1-2:2015
Industrial, Scientific and Medical Equipment - Radio Frequency
Disturbance Characteristics - Limits and Methods of Measurement
EN55011:2016 + A1:2017, Class B
Information Technology Equipment - Radio Disturbance
Characteristics - Limits and Methods of Measurement
with external filter
EN55032, Class B
ESD Electrostatic Discharge Immunity Test
Air ±2, 4, 8, 15kV
Contact ±2, 4, 6, 8kV
IEC61000-4-2, Criteria A
Radiated, Radio-Frequency, Electromagnetic Field Immunity Test
10V/m (80-2700MHz)
9, 27, 28V/m (several frequencies)
IEC61000-4-3, Criteria A
Fast Transient and Burst Immunity
DC Power Port: ±0.5, 1, 2kV
IEC61000-4-4, Criteria A
Surge Immunity
DC Power Port: ±0.5, 1kV
IEC61000-4-5, Criteria B
Immunity to Conducted Disturbances, Induced by Radio-Frequency Fields
DC Power Port: 3, 6V
IEC61000-4-6, Criteria A
Power Magnetic Field Immunity
50Hz, 30A/m
IEC61000-4-8, Criteria A
continued on next page
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
95
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com