Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDP7320 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDP7320
Description  Athena ??Premium high resolution multimedia monitor controller with 3D video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP7320 Datasheet(HTML) 4 Page - STMicroelectronics

  STDP7320 Datasheet HTML 1Page - STMicroelectronics STDP7320 Datasheet HTML 2Page - STMicroelectronics STDP7320 Datasheet HTML 3Page - STMicroelectronics STDP7320 Datasheet HTML 4Page - STMicroelectronics STDP7320 Datasheet HTML 5Page - STMicroelectronics STDP7320 Datasheet HTML 6Page - STMicroelectronics STDP7320 Datasheet HTML 7Page - STMicroelectronics STDP7320 Datasheet HTML 8Page - STMicroelectronics STDP7320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Main features
STDP9310, STDP9320, STDP9210, STDP7310, STDP7320
4/10
Doc ID 18936 Rev 3
3
Main features
3.1
Resolutions
●
WQXGA (2560 x 1600 / 1440) 60 Hz input and output
●
3D FHD (1920 x 1080) 120 Hz input and output
●
4K x 2K screen resolution support
●
4096 x 2160 input frame capture & bypass
●
2560 x 2160 video processing output
3.2
Dual integrated DisplayPort receivers
●
Two 4-lane DisplayPort receivers, one DP1.2 & the other DP1.1a compliant
●
Max DP link speed up to 5.4 GHz for DP1.2 and max 2.7 GHz speed on the DP1.1a
receiver
●
Support MyDP and eDP input
●
Max video resolution 2560x1600
●
Support 3D stereo video format
●
Max video stream pixel clock: 300 MHz
●
Support GTC AV Sync and HBR audio format
●
Support repeater for multi-stream daisy-chain monitor
●
HDCP 1.3 content protection with integrated key storage
3.3
Integrated HDMI 1.4 receiver
●
Max HDMI speed up to 3 GHz
●
Deep color and wide gamut support
●
Max video resolution 2560x1600
●
Support 3D stereo video format
●
Max video stream pixel clock out: 300 MHz
●
Support HBR audio format
●
HDCP 1.4 content protection with integrated key storage
3.4
Dual integrated DVI receiver
●
Support Dual DVI input for 3D Video up to 300 MHz
●
Max DVI speed up to 165 MHz in single DVI Mode
●
Max video resolution 2560x1600
●
HDCP 1.2 content protection with integrated key storage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com