Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS13 Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # SS13
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SS13 Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  SS13 Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SS13 Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SS13 Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SS13 Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY BARRIER RECTIFIERS
Trustworthy electronic circuit protection expert
SS12 thru SS120
www.yint.com.cn
Rev:19.3
1
SS12 thru SS120 SOD-123FL
FEATURES
●
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
●
Low power loss,high efficiency
●
For use in low voltage high frequency inverters, free
wheeling,and polarity protection applications
●
Guardring for over voltage protection
●
High temperature soldering guaranteed: 260°C/10 seconds
at terminals
●
Case: SOD123-FL/MINI SMA
●
Terminals: Tin Plated, solderable per MIL-STD-750, Method
2026
Definitions and Terms
VRRM:Maximum Recurrent Peak Reverse Voltage
VRMS:Maximum RMS Voltage
VDC:Maximum DC Blocking Voltage
IF(AV):Maximum Average Forward Current at TL=75 o C
IFSM:Peak Forward Surge Current :8.3ms single half sine-wave superimposed on rated load (JEDEC method)
VF:Maximum Forward Voltage at 1.0A
IR:Maximum DC Reverse Current at Rated DC Blocking Voltage
RθJL :Typical Thermal Resistance — Junction−to−Lead
RθJA:Typical Thermal Resistance — Junction−to−Ambient
TJ , TSTG::Operating Junction and Storage Temperature Range
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified
PARAMETER
SS12
SS13
SS14
SS15
SS16
SS18
SS110
SS115
SS120
Unit
VRRM
20
30
40
50
60
80
100
150
200
V
VRMS
14
21
28
35
42
56
70
105
140
V
VDC
20
30
40
50
60
80
100
150
200
V
IF(AV)
1.0
A
IFSM
30
A
RθJA
110
°C/
W
RθJC
40
TJ
-55 TO +150
°C
TSTG
-65 TO +175
°C


Similar Part No. - SS13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS13 PANJIT-SS13 Datasheet
66Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
SS13 SURGE-SS13 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
Transys Electronics
SS13 TRSYS-SS13 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS13 JGD-SS13 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS13 SSE-SS13 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com