Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADMV4420ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV4420ACPZ-R2
Description  K Band Downconverter with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4420ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADMV4420ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADMV4420ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
K Band Downconverter with Integrated
Fractional-N PLL and VCO
Data Sheet
ADMV4420
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF front end with integrated RF balun and LNA
Double balanced, active mixer with high dynamic range IF
amplifier
Fractional-N synthesizer with low phase noise, multicore VCO
5 V supply operation with integrated LDO regulators
Output P1dB: 7 dBm
Output IP3: 16 dBm
Conversion gain: 36 dB
Noise figure: 7 dB
RF input frequency range: 16.95 GHz to 22.05 GHz
Internal LO frequency range: 16.35 GHz to 21.15 GHz
IF frequency range: 900 MHz to 2500 MHz
Single-ended 50 Ω input impedance and 75 Ω IF output
impedance
Programmable via 4-wire SPI
32-lead, 5 mm × 5 mm LFCSP
APPLICATIONS
Satellite communication
Point to point microwave communication
GENERAL DESCRIPTION
The ADMV4420 is a highly integrated, double balanced, active
mixer with an integrated fractional-N synthesizer, ideally suited
for next generation K band satellite communications.
The RF front end consists of an integrated RF balun and low
noise amplifier (LNA) for an optimal, 7 dB, single-sideband
noise figure while minimizing external components. Additionally,
the high dynamic range IF output amplifier provides a nominal
conversion gain of 36 dB.
An integrated low phase noise, fractional-N, phase-locked loop
(PLL) with a multicore voltage controlled oscillator (VCO) and
internal 2× multiplier generate the necessary on-chip LO signal
for the double balanced mixer, eliminating the need for external
frequency synthesis. The multicore VCO uses an internal
autocalibration routine that allows the PLL to select the
necessary settings and lock in approximately 400 µs.
The reference input to the PLL employs a differentially excited
50 MHz crystal oscillator. Alternatively, the reference input can
be driven by an external, singled-ended, 50 MHz source. The
phase frequency detector (PFD) comparison frequency of the
PLL operates up to 50 MHz.
The ADMV4420 is fabricated on a silicon germanium (SiGe),
bipolar complementary metal-oxide semiconductor (BiCMOS)
process, and is available in a 32-lead, RoHS compliant, 5 mm ×
5 mm LFCSP package with an exposed pad. The device is
specified over the −40°C to +85°C temperature range on a 5 V
power supply.


Similar Part No. - ADMV4420ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV4530 AD-ADMV4530 Datasheet
1Mb / 59P
Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
3/2020-Rev. 0 to Rev. A
ADMV4530 AD-ADMV4530 Datasheet
3Mb / 64P
Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
Rev. C
ADMV4530ACCZ AD-ADMV4530ACCZ Datasheet
1Mb / 59P
Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
3/2020-Rev. 0 to Rev. A
ADMV4530ACCZ-RL7 AD-ADMV4530ACCZ-RL7 Datasheet
1Mb / 59P
Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
3/2020-Rev. 0 to Rev. A
ADMV4530BCCZ AD-ADMV4530BCCZ Datasheet
3Mb / 64P
Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
Rev. C
More results

Similar Description - ADMV4420ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
10/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com