Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HKP10150CT Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HKP10150CT
Description  10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HKP10150CT Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HKP10150CT Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HKP10150CT Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HKP10150CT Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shantou Huashan Electronic Devices Co., Ltd.
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
█ Features
█ Package
10 Amps Total (5 Amps Per Diode Leg)
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
High Surge Capability
High Current Capability and Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters, Free Wheelings,
and Polarity Protection Applications
█ Maximum Ratings
█ Electrical Characteristic @T
a=25℃unless otherwise specified
Single phase, half wave,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Min
Max
Unit
Condition
Forward Voltage Drop
VFM
0.75
0.92
0.85
1.0
V
IF=5A,TC=125℃
IF=5A,TC=25℃
IF=10A,TC=125℃
IF=10A,TC=25℃
Peak Reverse Current
at Rated DC Blocking Voltage
IRM
0.1
15
mA
VR = VRRM
TC=25℃
TC=125℃
Typical Junction Capacitance(Note 2)
Cj
300
pF
Typical Thermal Resistance Junction to Case(Note 1)
Rth-j
3.0
℃/W
Voltage Rate Of Change
dV/dt
10000
V/s
Notes: 1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
1―Pin A1
2―Pin K
3―Pin A2
TO-220
Tstg——Storage Temperature………………………………… -65~175℃
Tj——Operating Temperature ……………………………… -65~175℃
VRRM——Peak Repetitive Reverse Voltage…………………………150V
VRWM —— Working Peak Reverse Voltage……………………… 150V
VR—— DC Blocking Voltage……………………………………… 150V
VR(RMS) ——RMS Reverse Voltage………………………………… 105V
IFAV——Average Recified Output Current@Tc=125℃…………………Double Dies 10A
(Note 1)
…………………Single Die 5A
IFSM——Non-Repetitive Peak Forward Surge Current(Single Die,60HZ)………120A
HKP10150CT


Similar Part No. - HKP10150CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HKP1040CT HUASHAN-HKP1040CT Datasheet
529Kb / 2P
10A SCHOTTKY BARREIER RECTIFIER
More results

Similar Description - HKP10150CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HJP1040CT HUASHAN-HJP1040CT Datasheet
220Kb / 2P
10A SCHOTTKY BARREIER RECTIFIER
HJP1060CT HUASHAN-HJP1060CT Datasheet
618Kb / 2P
10A SCHOTTKY BARREIER RECTIFIER
HJP10100CT HUASHAN-HJP10100CT Datasheet
178Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKP1040CT HUASHAN-HKP1040CT Datasheet
529Kb / 2P
10A SCHOTTKY BARREIER RECTIFIER
HKF10100CT HUASHAN-HKF10100CT Datasheet
101Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF10150CT HUASHAN-HKF10150CT Datasheet
101Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF10200CT HUASHAN-HKF10200CT Datasheet
101Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF20100CT HUASHAN-HKF20100CT Datasheet
100Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKP20100CT HUASHAN-HKP20100CT Datasheet
136Kb / 3P
20A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKW10100CT HUASHAN-HKW10100CT Datasheet
132Kb / 3P
10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com