| Electronic Components Datasheet Search |
|
ASTMB33 Datasheet(PDF) 3 Page - General Cable Technologies Corporation |
|
|
|||||||||||||||||||||||||||||
ASTMB33 Datasheet(HTML) 3 Page - General Cable Technologies Corporation |
|
3 / 9 page ![]() Type XHHW-2 or RHH/RHW-2/USE-2 GenFree ® II LSZH XLPO Single Conductor 3 Specifications 5075, 5125 & 5275 GenFree II LSZH XLPO Low-Voltage Power Single and Dual Layer Cross-linked Polyolefin Single Conductor Rated for 600 Volts or 2000 Volts (AC or DC) For Use in all Closed Environments, Commercial / Utility / Industrial Applications, Free Air or Direct Burial III. CONDUCTOR 5075 & 5275 Conductors shall be of compressed tinned copper per ASTM B33 and shall conform to requirements as listed in ASTM B8 for Class B standing. 5125 Conductors shall be of stranded annealed bare copper per ASTM B3 and shall conform to requirements as listed in ASTM B8 for Class B stranding. IV. SEPARATOR A suitable separator may be used if deemed necessary by the manufacturer. V. INSULATION 5075 The insulation shall be Composite, Low-Smoke, Zero-Halogen, Cross-linked Polyolefin (LSZH XLPO) colored for contrast with black Low-Smoke, Zero-Halogen, Cross linked Polyolefin (LSZH XLPO) in accordance with the requirements of UL 44 Type RHH/RHW-2 and UL 854 Type USE-2. 5125 The insulation shall be Low-Smoke, Zero-Halogen, Flame-Retardant Cross-linked Polyolefin (LSZH XLPO) in accordance with the requirements of UL 44 Type XHHW- 2, black. Colors available upon request. 5275 The insulation shall be Low-Smoke, Zero-Halogen, Cross-linked Polyolefin (LSZH XLPO) in accordance with the requirements of UL 44 Type RHH/RHW-2 and UL 854 Type USE-2. All three product lines share both the common critical characteristics and listings, but in a fully functional LSZH product: • Type XHHW-2 ― Spec 5125 • Single layer tri-rated Type RHH/RHW-2/USE-2 ― Spec 5275 • Dual layer tri-rated Type RHH/RHW-2/USE-2 ― Spec 5075 GenFree II products meet or exceed the following industry standards and testing criteria: A. Physical Properties: Passes the current overload crush test as required per UL 854 for approval as USE-2, allowing for approval for use in underground service entrance applications as approved by the NEC. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |