Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSH300 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH300
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH300 Datasheet HTML 1Page - STMicroelectronics TSH300 Datasheet HTML 2Page - STMicroelectronics TSH300 Datasheet HTML 3Page - STMicroelectronics TSH300 Datasheet HTML 4Page - STMicroelectronics TSH300 Datasheet HTML 5Page - STMicroelectronics TSH300 Datasheet HTML 6Page - STMicroelectronics TSH300 Datasheet HTML 7Page - STMicroelectronics TSH300 Datasheet HTML 8Page - STMicroelectronics TSH300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings
TSH300
2/18
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vid
Differential Input Voltage(2)
2.
Differential voltage is between the non-inverting input terminal and the inverting input terminal.
+/-0.5
V
Vin
Input Voltage Range(3)
3.
The magnitude of input and output voltage must never exceed VCC +0.3V.
+/-2.5
V
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient
SOT23-5L
SO8
250
150
°C/W
Rthjc
Thermal Resistance Junction to Case
SOT23-5L
SO8
80
28
°C/W
Pmax
Maximum Power Dissipation(4) (@Ta=25°C) for Tj=150°C
SOT23-5L
SO8
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from short circuits on amplifiers.
500
830
mW
ESD
HBM: Human Body Model (5) (all packages)
5.
Human body model, 100pF discharged through a 1.5k
Ω resistor into P
min of device.
1kV
MM: Machine Model (6) (all packages)
6.
This is a minimum value. Machine model ESD, a 200pF cap is charged to the specified voltage, then
discharged directly into the IC with no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
150
V
CDM: Charged Device Model (SO8)
1.5
kV
Latch-up Immunity
200
mA
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
Tested in full production at 5V (±2.5V) supply voltage.
4.5 to 5.5
V
Vicm
Common Mode Input Voltage
-1.5 to +1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com