Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF13DS/E/830 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF13DS/E/830
Description  13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2GX7(4-Pin) base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF13DS/E/830 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF13DS/E/830 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8367
CF13DS/E/830
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2GX7
(4-Pin) base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S8367
Item Number
Product Line
UPC
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S8367
HyGrade
045923083679
13
T4
2GX7
2GX7
CF13DS/E/830
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
6.2''
800
15000
3000
Warm White
50
Box
82
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
4.0 mg
Yes
Yes
2 Year Limited


Similar Part No. - CF13DS/E/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF13DS/E/830 SATCO-CF13DS/E/830 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2GX7 (4-Pin) base
More results

Similar Description - CF13DS/E/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S4370 SATCO-S4370 Datasheet
125Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-1 (4-Pin) base
S6418 SATCO-S6418 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2GX7 (4-Pin) base
S6419 SATCO-S6419 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2GX7 (4-Pin) base
S6730 SATCO-S6730 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-1 (4-Pin) base
S6780 SATCO-S6780 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23 base
S8318 SATCO-S8318 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23-2 base
S8366 SATCO-S8366 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2GX7 (4-Pin) base
S8368 SATCO-S8368 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2GX7(4-Pin) base
S8369 SATCO-S8369 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2GX7(4-Pin) base
S8380 SATCO-S8380 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com